Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJM1WS Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERJM1WS
Description  Low Resistance Value Chip Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJM1WS Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERJM1WS Datasheet HTML 1Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 2Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 3Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 4Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 5Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 6Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 7Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 8Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Subject
Low Resistance Value Chip Resistor
Spec. No.
151-RJM-E2W00A
Part No.
ERJM1W
10 -
PANASONIC ELECTRONIC DEVICES CO.,LTD.
5
8.Enviromental Characteristics
Item
Specifications
Test Methods(Based on JIS-C5201)
High Temperature
Exposure
∆R = +/-(1%+0.5mΩ)
Resistors shall be exposed at 125+/-3deg.C
for 1000+48/-0 hours.
Temperature
Cycling
∆R = +/-(1%+0.5mΩ)
-55+/-3deg.C 30minutes
Normal temp. 30minutes
5 cycles
+125+/-3deg.C 30minutes
Humidity
(Steady State)
∆R = +/-(1%+0.5mΩ)
Resistors shall be exposed at 60+/-2deg.C
and 90 to 95% relative humidity in a humidity
test chamber for 1000+48/-0 hours.
Load Life
∆R = +/-(3%+0.5mΩ)
Resistors shall be exposed at 70+/-2deg.C for
1000 +48/-0 hours.
During this time the
rated voltage shall be applied intermittently for
1.5 hours ON,0.5 hours OFF.
Load Life in
Humidity
∆R = +/-(3%+0.5mΩ)
Resistors shall be exposed at 60+/-2deg.C
and 90 to 95% relative humidity for
1000+48/-0 hours.
During this time the rated
voltage shall be applied intermittently for 1.5
hours ON,0.5 hours OFF.
Used Printed Circuit Board
(Unit:mm)
Material:FR-4 (Test Board t=1.6mm)
Capper Thickness:70 micro meter
9.Resistance Value Marking
Express resistance value on resin side.
Example
ERJM1WT type
4m
Ω:R004
ERJM1WS type
5m
Ω:5M0 , 6mΩ:6M0 ,10mΩ:10M
T type2.2, S type4.2
48
28
35
68


Similar Part No. - ERJM1WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJM1WS3M0U PANASONIC-ERJM1WS3M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
International Rectifier
ERJM1WSF5M0U IRF-ERJM1WSF5M0U Datasheet
242Kb / 6P
   IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
More results

Similar Description - ERJM1WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
   Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com