Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJM1WS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJM1WS
Description  Low Resistance Value Chip Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJM1WS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJM1WS Datasheet HTML 1Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 2Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 3Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 4Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 5Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 6Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 7Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 8Page - Panasonic Semiconductor ERJM1WS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Subject
Low Resistance Value Chip Resistor
Spec. No.
151-RJM-E2W00A
Part No.
ERJM1W
10 -
PANASONIC ELECTRONIC DEVICES CO.,LTD.
4
7.Mechanical Performance Characteristics
Item
Specifications
Test Methods(Based on JIS-C5201)
Terminal Strength
min. 4.9N
Copper plate: t = 0.4mm
Pull speed
:10mm/seconds
Bending Strength
Without distinct deformation
in appearance
Substrate : Glass Epoxy (t=1.6mm)
Span : 90mm
Bending Distance : 2mm (10 seconds)
Solderability
min. 95% coverage
Resistors shall be dipped in the melted
solder bath at 230+/-5deg.C for 3+/-0.5
seconds.
Next, flux shall be removed from
the surface of terminal with clean organic
solvent.
Resistance to
Soldering Heat
∆R = +/-(5%+0.5mΩ)
Resistors shall be dipped in the melted
solder bath at 270+/-3deg.C for 10+/-1
seconds.
Fixed
Solder
P
Unit: mm
A
B
C
ERJM1WT
3.1
2.2
ERJM1WS
2.1
4.2
3.4
A
Test Board
40mm
100mm
A
B
C


Similar Part No. - ERJM1WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJM1WS3M0U PANASONIC-ERJM1WS3M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
International Rectifier
ERJM1WSF5M0U IRF-ERJM1WSF5M0U Datasheet
242Kb / 6P
   IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
More results

Similar Description - ERJM1WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
   Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com