Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317ZV8IZ-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9317ZV8IZ-2.7
Description  Digitally Controlled Potentiometer (XDCP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8IZ-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9317ZV8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9317ZV8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN8183.7
March 7, 2012
Block Diagram
X9317TM8Z-2.7
DCP
2.7 to 5.5
100
0 to +70
8 Ld MSOP
M8.118
X9317TM8IZ-2.7
DCM
-40 to +85
8 Ld MSOP
M8.118
X9317TS8Z-2.7
X9317T ZF
0 to +70
8 Ld SOIC
M8.15E
X9317TS8IZ-2.7
X9317T ZG
-40 to +85
8 Ld SOIC
M8.15E
X9317TV8Z-2.7
9317T FZ
0 to +70
8 Ld TSSOP
M8.173
X9317TV8IZ-2.7
9317T GZ
-40 to +85
8 Ld TSSOP
M8.173
NOTES:
1. Add “-T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for X9317. For more information on MSL please see tech brief TB363.
Ordering Information (Continued)
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VCC LIMITS
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE (°C)
PACKAGE
PKG.
DWG. #
UP/DOWN
COUNTER
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
ONE
DECODER
RESISTOR
ARRAY
RH
U/D
INC
CS
WIPER
SWITCHES
HUNDRED
VCC
VSS
RL
RW
CONTROL
AND
MEMORY
UP/DOWN
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH
RW
RL
GENERAL
DETAILED
0
1
2
96
97
98
99
Pin Descriptions
PDIP/SOIC/MSOP
TSSOP
SYMBOL
BRIEF DESCRIPTION
13
INC
Increment Toggling INC while CS is low moves the wiper either up or down.
24
U/D
Up/Down The U/D input controls the direction of the wiper movement.
35
RH
The high terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
46
VSS
Ground
57
R
W
The wiper terminal is equivalent to the movable terminal of a mechanical potentiometer.
68
RL
The low terminal is equivalent to one of the fixed terminals of a mechanical potentiometer.
71
CS
Chip Select The device is selected when the CS input is LOW, and de-selected when CS is
high.
82
VCC
Supply Voltage
X9317


Similar Part No. - X9317ZV8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8IZ-2.7 INTERSIL-X9317ZV8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
More results

Similar Description - X9317ZV8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com