Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJM1W Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJM1W
Description  Low Resistance Value Chip Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJM1W Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJM1W Datasheet HTML 1Page - Panasonic Semiconductor ERJM1W Datasheet HTML 2Page - Panasonic Semiconductor ERJM1W Datasheet HTML 3Page - Panasonic Semiconductor ERJM1W Datasheet HTML 4Page - Panasonic Semiconductor ERJM1W Datasheet HTML 5Page - Panasonic Semiconductor ERJM1W Datasheet HTML 6Page - Panasonic Semiconductor ERJM1W Datasheet HTML 7Page - Panasonic Semiconductor ERJM1W Datasheet HTML 8Page - Panasonic Semiconductor ERJM1W Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Subject
Low Resistance Value Chip Resistor
Spec. No.
151-RJM-E2W00A
Part No.
ERJM1W
10 -
PANASONIC ELECTRONIC DEVICES CO.,LTD.
3
As far as there shall not designation especially, the following test and measurement
shall be operated under normal temperature(15 to 35deg.C), normal humidity(25 to
75%), normal atmospheric pressure(8.6
×104 to 1.06×105Pa).
Resistance value shall be guaranteed as like followings.
<Measuring method: In measuring resistance value, 4 wires must be put on top terminal.>
6.Electrical Performance Characteristics
Item
Specifications
Test Methods(Based on JIS - C5201)
DC
Resistance
DC Resistance value must be within
the specified tolerance.
Measuring current: 1A
20deg.C 65%RH
ERJM1WT type
≥ 4mΩ
+/-75
×10-6/deg.C
ERJM1WS type
Temperature
Coefficient
≥ 5mΩ
+/-75
×10-6/deg.C
Sequence of temperature:
+25deg.C to +125deg.C
Intermittent
Overload
∆R = +/-(5%+0.5mΩ)
Resistance change after 1,000 cycles (1
second ON, 25 seconds OFF) at 5 W
Rated Power.
Dielectric
Withstanding
No evidence of flash over, mechanical
damage, arcing or insulation
breakdown.
Insulation
Resistance
min.1G
AC500V 1 minute
Insulation
Resistance
Meter
or
AC Power
Supply
Measuring Voltage :DC500V
Wire
Top terminal
×
×
×
×


Similar Part No. - ERJM1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJM1WS2512 PANASONIC-ERJM1WS2512 Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
ERJM1WS3M0U PANASONIC-ERJM1WS3M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
International Rectifier
ERJM1WSF5M0U IRF-ERJM1WSF5M0U Datasheet
242Kb / 6P
   IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
More results

Similar Description - ERJM1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
   Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
   Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
   Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
   Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
   Low Value Flat Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com