Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313ZPIZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9313ZPIZ
Description  Linear, 32 Taps, 3 Wire Interface, Terminal VoltagesVCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313ZPIZ Datasheet(HTML) 1 Page - Intersil Corporation

  X9313ZPIZ Datasheet HTML 1Page - Intersil Corporation X9313ZPIZ Datasheet HTML 2Page - Intersil Corporation X9313ZPIZ Datasheet HTML 3Page - Intersil Corporation X9313ZPIZ Datasheet HTML 4Page - Intersil Corporation X9313ZPIZ Datasheet HTML 5Page - Intersil Corporation X9313ZPIZ Datasheet HTML 6Page - Intersil Corporation X9313ZPIZ Datasheet HTML 7Page - Intersil Corporation X9313ZPIZ Datasheet HTML 8Page - Intersil Corporation X9313ZPIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN8177.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9313
Digitally Controlled Potentiometer (XDCP™)
Linear, 32 Taps, 3 Wire Interface, Terminal
Voltages ± VCC
The Intersil X9313 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including:
• Control
• Parameter adjustments
• Signal processing
Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 31 resistive elements
- Temperature compensated
- End-to-end resistance range ±20%
- Terminal voltages, -VCC to +VCC
• Low power CMOS
-VCC = 3V or 5V
- Active current, 3mA max.
- Standby current, 500µA max.
• High reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL values = 1kΩ, 10kΩ, 50kΩ
• Packages
- 8 Ld SOIC, 8 Ld MSOP and 8 Ld PDIP
• Pb-free available (RoHS compliant)
Block Diagram
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE OF
OUTPUTS
RESISTOR
ARRAY
RH/VH
U/D
INC
CS
TRANSFER
GATES
THIRTY-TWO
VCC
VSS
RL/VL
RW/VW
CONTROL
UP/DOWN
VCC (SUPPLY VOLTAGE)
VSS (GROUND)
RH/VH
RW/VW
RL/VL
GENERAL
DETAILED
0
1
2
28
29
30
31
(U/D)
INCREMENT
(INC)
DEVICE SELECT
(CS)
AND
MEMORY
5-BIT
UP/DOWN
COUNTER
TIME
DECODER
ACTIVE
AT A
Data Sheet
January 15, 2008


Similar Part No. - X9313ZPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZPIZ INTERSIL-X9313ZPIZ Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
More results

Similar Description - X9313ZPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com