Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C104PIZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9C104PIZ
Description  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C104PIZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9C104PIZ Datasheet HTML 2Page - Intersil Corporation X9C104PIZ Datasheet HTML 3Page - Intersil Corporation X9C104PIZ Datasheet HTML 4Page - Intersil Corporation X9C104PIZ Datasheet HTML 5Page - Intersil Corporation X9C104PIZ Datasheet HTML 6Page - Intersil Corporation X9C104PIZ Datasheet HTML 7Page - Intersil Corporation X9C104PIZ Datasheet HTML 8Page - Intersil Corporation X9C104PIZ Datasheet HTML 9Page - Intersil Corporation X9C104PIZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8222.3
July 20, 2009
X9C102, X9C103, X9C104, X9C503
Plastic Dual-In-Line Packages (PDIP)
MDP0031
PLASTIC DUAL-IN-LINE PACKAGE
SYMBOL
INCHES
TOLERANCE
NOTES
PDIP8
PDIP14
PDIP16
PDIP18
PDIP20
A
0.210
0.210
0.210
0.210
0.210
MAX
A1
0.015
0.015
0.015
0.015
0.015
MIN
A2
0.130
0.130
0.130
0.130
0.130
±0.005
b
0.018
0.018
0.018
0.018
0.018
±0.002
b2
0.060
0.060
0.060
0.060
0.060
+0.010/-0.015
c
0.010
0.010
0.010
0.010
0.010
+0.004/-0.002
D
0.375
0.750
0.750
0.890
1.020
±0.010
1
E
0.310
0.310
0.310
0.310
0.310
+0.015/-0.010
E1
0.250
0.250
0.250
0.250
0.250
±0.005
2
e
0.100
0.100
0.100
0.100
0.100
Basic
eA
0.300
0.300
0.300
0.300
0.300
Basic
eB
0.345
0.345
0.345
0.345
0.345
±0.025
L
0.125
0.125
0.125
0.125
0.125
±0.010
N
8
14
16
18
20
Reference
Rev. C 2/07
NOTES:
1. Plastic or metal protrusions of 0.010” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions E and eA are measured with the leads constrained perpendicular to the seating plane.
4. Dimension eB is measured with the lead tips unconstrained.
5. 8 and 16 lead packages have half end-leads as shown.
D
L
A
e
b
A1
NOTE 5
A2
SEATING
PLANE
L
N
PIN #1
INDEX
E1
12
N/2
b2
E
eB
eA
c


Similar Part No. - X9C104PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104PIZ INTERSIL-X9C104PIZ Datasheet
257Kb / 11P
   Digitally Controlled Pot (XDCP)
X9C104PIZ INTERSIL-X9C104PIZ Datasheet
248Kb / 11P
   Digitally Controlled Potentiometer
X9C104PIZ INTERSIL-X9C104PIZ Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
X9C104PIZ INTERSIL-X9C104PIZ Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X9C104PIZ INTERSIL-X9C104PIZ Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
More results

Similar Description - X9C104PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C103S INTERSIL-X9C103S Datasheet
240Kb / 10P
   Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
logo
Maxim Integrated Produc...
MAX5477EVKIT MAXIM-MAX5477EVKIT Datasheet
449Kb / 10P
   Power-On Recall of Wiper Position from Nonvolatile Memory
2005
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5417LEVCMODU MAXIM-MAX5417LEVCMODU Datasheet
158Kb / 9P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
MAX5432EVKIT MAXIM-MAX5432EVKIT Datasheet
256Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 2/08
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com