Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5043S8IZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X5043S8IZ
Description  CPU Supervisor with 4K SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5043S8IZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X5043S8IZ Datasheet HTML 4Page - Intersil Corporation X5043S8IZ Datasheet HTML 5Page - Intersil Corporation X5043S8IZ Datasheet HTML 6Page - Intersil Corporation X5043S8IZ Datasheet HTML 7Page - Intersil Corporation X5043S8IZ Datasheet HTML 8Page - Intersil Corporation X5043S8IZ Datasheet HTML 9Page - Intersil Corporation X5043S8IZ Datasheet HTML 10Page - Intersil Corporation X5043S8IZ Datasheet HTML 11Page - Intersil Corporation X5043S8IZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN8126.2
March 16, 2006
SPI Serial Memory
The memory portion of the device is a CMOS Serial
EEPROM array with Intersil’s block lock protection. The array
is internally organized as 512 x 8 bits. The device features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus.
The device utilizes Intersil’s proprietary Direct Writecell,
providing a minimum endurance of 1,000,000 cycles and a
minimum data retention of 100 years.
The device is designed to interface directly with the
synchronous Serial Peripheral Interface (SPI) of many
popular microcontroller families.
The device contains an 8-bit instruction register that controls
the operation of the device. The instruction code is written to
the device via the SI input. There are two write operations
that requires only the instruction byte. There are two read
operations that use the instruction byte to initiate the output
of data. The remainder of the operations require an
instruction byte, an 8-bit address, then data bytes. All
instruction, address and data bits are clocked by the SCK
input. All instructions (Table 1), addresses and data are
transferred MSB first.
Clock and Data Timing
Data input on the SI line is latched on the first rising edge of
SCK after CS goes LOW. Data is output on the SO line by
the falling edge of SCK. SCK is static, allowing the user to
stop the clock and then start it again to resume operations
where left off. CS must be LOW during the entire operation.
Note:
*Instructions are shown MSB in leftmost position. Instructions are transferred MSB first.
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP
-Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied
Old VCC Applied
(VCC = VCC–10mV)
Execute
Sequence
Reset VTRIP
Error
≤ -Emax
-Emax < Error < Emax
YES
NO
Error
≥ Emax
Emax = Maximum Desired Error
- Error
=
New VCC Applied
Old VCC Applied
- Error
=
FIGURE 4. VTRIP PROGRAMMING SEQUENCE
TABLE 1. INSTRUCTION SET
INSTRUCTION NAME
INSTRUCTION FORMAT*
OPERATION
WREN
0000 0110
Set the Write Enable Latch (Enable Write Operations)
WRDI
0000 0100
Reset the Write Enable Latch (Disable Write Operations)
RSDR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register (Watchdog and Block Lock)
READ
0000 A8011
Read Data from Memory Array Beginning at Selected Address
WRITE
0000 A8010
Write Data to Memory Array Beginning at Selected Address (1 to 16 bytes)
X5043, X5045


Similar Part No. - X5043S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043S8IZ RENESAS-X5043S8IZ Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5043S8IZ-2.7 INTERSIL-X5043S8IZ-2.7 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
logo
Xicor Inc.
X5043 XICOR-X5043 Datasheet
108Kb / 20P
   CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com