Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313WMI Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9313WMI
Description  Linear, 32 Taps, 3 Wire Interface, Terminal VoltagesVCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313WMI Datasheet(HTML) 2 Page - Intersil Corporation

  X9313WMI Datasheet HTML 1Page - Intersil Corporation X9313WMI Datasheet HTML 2Page - Intersil Corporation X9313WMI Datasheet HTML 3Page - Intersil Corporation X9313WMI Datasheet HTML 4Page - Intersil Corporation X9313WMI Datasheet HTML 5Page - Intersil Corporation X9313WMI Datasheet HTML 6Page - Intersil Corporation X9313WMI Datasheet HTML 7Page - Intersil Corporation X9313WMI Datasheet HTML 8Page - Intersil Corporation X9313WMI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8177.6
January 15, 2008
Ordering Information
PART NUMBER
PART
MARKING
VCC RANGE
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9313UMI
13UI
4.5 to 5.5
50
-40 to +85
8 Ld MSOP
M8.118
X9313UMIZ (Note)
DDB
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313UP
X9313UP
0 to +70
8 Ld PDIP
MDP0031
X9313US*, **
X9313U
0 to +70
8 Ld SOIC
MDP0027
X9313USZ* (Note)
X9313U Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313USI
X9313U I
-40 to +85
8 Ld SOIC
MDP0027
X9313USIZ (Note)
X9313U ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313WMZ (Note)
DDF
10
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313WMI*
13WI
-40 to +85
8 Ld MSOP
M8.118
X9313WMIZ* (Note)
DDE
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313WP
X9313WP
0 to +70
8 Ld PDIP
MDP0031
X9313WPZ-3
X9313WP ZD
-40 to +85
8 Ld PDIP*** (Pb-free)
MDP0031
X9313WPI
X9313WP I
-40 to +85
8 Ld PDIP
MDP0031
X9313WPIZ
X9313WP ZI
-40 to +85
8 Ld PDIP*** (Pb-free)
MDP0031
X9313WS*, **
X9313WS
0 to +70
8 Ld SOIC
MDP0027
X9313WSZ*, ** (Note)
X9313W Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313WSI*, **
X9313WS I
-40 to +85
8 Ld SOIC
MDP0027
X9313WSIZ* (Note)
X9313WS ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313ZM
313Z
1
0 to +70
8 Ld MSOP
M8.118
X9313ZMZ (Note)
DDJ
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313ZMI*, **
13ZI
-40 to +85
8 Ld MSOP
M8.118
X9313ZMIZ*, ** (Note)
DDH
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313ZP
X9313ZP
0 to +70
8 Ld PDIP
MDP0031
X9313ZPI
X9313ZP I
-40 to +85
8 Ld PDIP
MDP0031
X9313ZPIZ (Note)
X9313ZP ZI
-40 to +85
8 Ld PDIP*** (Pb-free)
MDP0031
X9313ZS*, **
X9313ZS
0 to +70
8 Ld SOIC
MDP0027
X9313ZSZ*, ** (Note)
X9313 Z
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZSI*
X9313ZS I
-40 to +85
8 Ld SOIC
MDP0027
X9313ZSIZ* (Note)
X9313ZS ZI
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
X9313UM-3T1
13UD
3 to 5.5
50
0 to +70
8 Ld MSOP Tape and Reel M8.118
X9313UMZ-3T1 (Note)
DDD
0 to +70
8 Ld MSOP Tape and Reel
(Pb-free)
M8.118
X9313UMI-3*
13UE
-40 to +85
8 Ld MSOP
M8.118
X9313UMIZ-3* (Note)
13UEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313US-3*, **
X9313U D
0 to +70
8 Ld SOIC
MDP0027
X9313USZ-3*, ** (Note)
X9313U ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313WM-3*
13WD
10
0 to +70
8 Ld MSOP
M8.118
X9313WMZ-3* (Note)
DDG
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313WMI-3*
13WE
-40 to +85
8 Ld MSOP
M8.118
X9313WMIZ-3* (Note)
13WEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313


Similar Part No. - X9313WMI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313WMI XICOR-X9313WMI Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313WMI INTERSIL-X9313WMI Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WMI INTERSIL-X9313WMI Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313WMI INTERSIL-X9313WMI Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9313WMI-3 INTERSIL-X9313WMI-3 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
More results

Similar Description - X9313WMI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com