Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C010FI-12 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28C010FI-12
Description  Protects data against system level inadvertent writes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28C010FI-12 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28C010FI-12 Datasheet HTML 6Page - Intersil Corporation X28C010FI-12 Datasheet HTML 7Page - Intersil Corporation X28C010FI-12 Datasheet HTML 8Page - Intersil Corporation X28C010FI-12 Datasheet HTML 9Page - Intersil Corporation X28C010FI-12 Datasheet HTML 10Page - Intersil Corporation X28C010FI-12 Datasheet HTML 11Page - Intersil Corporation X28C010FI-12 Datasheet HTML 12Page - Intersil Corporation X28C010FI-12 Datasheet HTML 13Page - Intersil Corporation X28C010FI-12 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8105.1
February 12, 2007
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias
X28C010 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +85°C
X28C010I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28C010M . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
X28HT010 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +175°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on any pin with respect to VSS. . . . . . . . . . . . . . -1V to +7V
D.C. output current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Lead temperature
(soldering, 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300°C
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C tp +85°C
Military . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
High Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +175°C
CAUTION: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions (above those indicated in the operational sections of this specification) is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DC Electrical Specifications
Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ICC
VCC Current (Active) (TTL Inputs)
CE = OE = VIL, WE = VIH, All I/O’s = Open,
Address Inputs = 0.4V/2.4V Levels @ f = 5MHz
50
mA
ISB1
VCC Current (Standby) (TTL Inputs)
CE = VIH, OE = VIL, All I/O’s = Open, Other Inputs = VIH
3mA
ISB2
VCC Current (Standby) (CMOS
Inputs)
CE = VCC - 0.3V, OE = VIL, All I/O’s = Open,
Other Inputs = VCC
500
µA
ILI
Input Leakage Current
VIN = VSS to VCC
10
µA
VIN = VSS to VCC (Note 2)
20
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, CE = VIH
10
µA
VOUT = VSS to VCC, CE = VIH (Note 2)
20
µA
VlL (Note 1) Input LOW Voltage
-1
0.8
V
(Note 2)
-1
0.6
V
VIH (Note 1) Input HIGH Voltage
2VCC + 1
V
(Note 2)
2.2
VCC + 1
V
VOL
Output LOW Voltage
IOL = 2.1mA
0.4
V
IOL = 1mA (Note 2)
0.5
V
VOH
Output HIGH Voltage
IOH = -400µA
2.4
V
IOH = -400µA
2.6
V
IBB
Back Bias Current
VBB = -3V ±10% (Note 2)
200
µA
NOTE:
1. VIL min. and VIH max. are for reference only and are not tested.
2. X28HT010W
Power-Up Timing
SYMBOL
PARAMETER
MAX
UNIT
tPUR (Note 3)
Power-up to Read operation
100
µs
tPUW (Note 3)
Power-up to Write operation
5
ms
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V
SYMBOL
PARAMETER
TEST CONDITIONS
MAX
UNIT
CI/O (Note 3)
Input/Output capacitance
VI/O = 0V
10
pF
CIN (Note 3)
Input capacitance
VIN = 0V
10
pF
NOTE:
3. This parameter is periodically sampled and not 100% tested.
X28C010, X28HT010


Similar Part No. - X28C010FI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010FI-12 XICOR-X28C010FI-12 Datasheet
127Kb / 25P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010FI-12 INTERSIL-X28C010FI-12 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
X28C010FI-12 INTERSIL-X28C010FI-12 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C010FI-12 RENESAS-X28C010FI-12 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28C010FI-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
   Advanced data integrity protects against silent data corruption
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
   Superior inadvertent write protection
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
   Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
   Protects one high speed data line
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
logo
Level One
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
   10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Level One
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
   IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com