Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313USIZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9313USIZ
Description  Linear, 32 Taps, 3 Wire Interface, Terminal VoltagesVCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313USIZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9313USIZ Datasheet HTML 2Page - Intersil Corporation X9313USIZ Datasheet HTML 3Page - Intersil Corporation X9313USIZ Datasheet HTML 4Page - Intersil Corporation X9313USIZ Datasheet HTML 5Page - Intersil Corporation X9313USIZ Datasheet HTML 6Page - Intersil Corporation X9313USIZ Datasheet HTML 7Page - Intersil Corporation X9313USIZ Datasheet HTML 8Page - Intersil Corporation X9313USIZ Datasheet HTML 9Page - Intersil Corporation X9313USIZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN8177.6
January 15, 2008
DC Electrical Specifications
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS/NOTES
LIMITS
UNIT
MIN
TYP
(Note 4)
MAX
ICC
VCC Active Current
CS = VIL, U/D = VIL or VIH and
INC = 0.42/2.4V @ max tCYC
13
mA
ISB
Standby Supply Current
CS = VCC - 0.3V, U/D and INC = VSS or
VCC - 0.3V
200
500
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D Input HIGH Current
2
V
VIL
CS, INC, U/D Input LOW Current
+0.8
V
CIN
(Note 5)
CS, INC, U/D Input Capacitance
VCC = 5V, VIN = VSS, TA = +25°C,
f = 1MHz
10
pF
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
per register
Data retention
100
Years
FIGURE 1. TEST CIRCUIT #1
FIGURE 2. TEST CIRCUIT #2
FIGURE 3. CIRCUIT #3 SPICE MACRO
MODEL
TEST POINT
VW/RW
VH/RH
VL/RL
VS
FORCE
CURRENT
VW
TEST POINT
VH/RH
VW/RW
VL/RL
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
X9313


Similar Part No. - X9313USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USIZ INTERSIL-X9313USIZ Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313USIZ INTERSIL-X9313USIZ Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313USIZ INTERSIL-X9313USIZ Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9313USIZ INTERSIL-X9313USIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USIZ INTERSIL-X9313USIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
More results

Similar Description - X9313USIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
   Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com