Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511WSIZT1 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9511WSIZT1
Description  The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WSIZT1 Datasheet(HTML) 4 Page - Intersil Corporation

  X9511WSIZT1 Datasheet HTML 1Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 2Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 3Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 4Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 5Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 6Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 7Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 8Page - Intersil Corporation X9511WSIZT1 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN8205.3
February 2, 2007
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap
around when clocked to either extreme.
AUTOSTORE
The value of the counter is stored in EEPROM mem-
ory whenever the chip senses a power-down of VCC
while ASE is enabled (held LOW). When power is
restored, the content of the memory is recalled and the
counter reset to the last value stored.
If AUTOSTORE is to be implemented, ASE is typically
hard wired to VSS. If ASE is held HIGH during power-
up and then taken LOW, the wiper will not respond to
the PU or PD inputs until ASE is brought HIGH and
held HIGH.
Manual (Push Button) Store
When ASE is not enabled (held HIGH) a push button
switch may be used to pull ASE LOW and released to
perform a manual store of the wiper position.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate
once VCC is removed.
3
5
6
8
1
2
7
VCC
2k
Ω
VCC
PU
PD
ASE
VH
VW
VL
VSS
FIGURE 1. TYPICAL CIRCUIT WITH ASE STORE
CONTROLLED BY PUSH BUTTON SWITCH
4
3
5
8
1
2
7
VCC
VCC
PU
PD
ASE
VSS
VH
VW
VL
3.3µF
6
FIGURE 2. TYPICAL CIRCUIT WITH ASE STORE PIN USED
IN AUTOSTORE MODE
X9511


Similar Part No. - X9511WSIZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WSIZ INTERSIL-X9511WSIZ Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WSIZ RENESAS-X9511WSIZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WSIZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com