Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF12575T-100M5R4-PF Datasheet(PDF) 2 Page - TDK Electronics

Part # SLF12575T-100M5R4-PF
Description  REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF12575T-100M5R4-PF Datasheet(HTML) 2 Page - TDK Electronics

  SLF12575T-100M5R4-PF Datasheet HTML 1Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 2Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 3Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 4Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 5Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 6Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 7Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 8Page - TDK Electronics SLF12575T-100M5R4-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
(1/48)
INDUC
T
O
RS
001-01 / 20130516 / e531_slf.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 6 months. Be sure to follow the storage conditions (Temperature: 5 to 30°C, Humidity: 10 to 75% RH or
less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - SLF12575T-100M5R4-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF12575T-100M5R4-PF TDK-SLF12575T-100M5R4-PF Datasheet
87Kb / 12P
   L-Q Frequency Characteristics DC Bias & Temperature Characteristics Temperature Characteristics Temperature Rise
SLF12575T-100M5R4-PF TDK-SLF12575T-100M5R4-PF Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF12575T-100M5R4-PF TDK-SLF12575T-100M5R4-PF Datasheet
168Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - SLF12575T-100M5R4-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM6530T-4R7M TDK-SPM6530T-4R7M Datasheet
3Mb / 25P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications.
HF50ACB201209 TDK-HF50ACB201209 Datasheet
139Kb / 17P
   REMINDERS FOR USING THESE PRODUCTS
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
   Read these instructions thoroughly before using the tool assembly.
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-10155 TEC-408-10155 Datasheet
349Kb / 4P
   Read these instructions thoroughly before using the seating tool kit.
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
   Read and understand these instructions before using the removal tools.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com