Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALPHA-RX915S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX915S
Description  ALPHA RF MODULES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX915S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ALPHA-RX915S Datasheet HTML 1Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 2Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX915S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 3
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
Receiver Pin Description
Pin
Definition
Direction
Description
11
VDI
OUT
FSK Data Input
9
VDD
IN
Positive Power Supply
12
SDI
IN
SPI Data Input
13
SCK
IN
SPI Clock Input
14
nSEL
IN
Chip select (Active Low)
1
FFIT/SDO
OUT
FIFO fill interrupt (Active Low) / status read
data output
6
nRES
OUT
Clock out for MCU (1-10MHz)
7,10
GND
IN
Ground Connection
2
nIRQ
OUT
Interrupt Request Output (Active Low)
3
DATA/nFFS
IN
Data Input (non FIFO Mode) / FIFO Select
4
DATA/CFIL/FFIT
IN/OUT
Clock Output (noFIFO) / External filter
Capacitor(analog mode) / FIFO interrupt (active
High) when FIFO level set to 1, FIFO Empty
interruption can be achieved.
5
CLK
OUT
Clock Output for external microcontroller
8
ANT
IN
Antenna input


Similar Part No. - ALPHA-RX915S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALPHA-7 ETC2-ALPHA-7 Datasheet
331Kb / 3P
   High grade mounting adhesive
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
   Various cable and connector options
logo
rfsolutions.ltd
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
   The Alpha Modules are extremely cost effective but high performance radio modules.
ALPHA-TRX915S RFSOLUTIONS-ALPHA-TRX915S Datasheet
654Kb / 14P
   The Alpha Modules are extremely cost effective but high performance radio modules.
More results

Similar Description - ALPHA-RX915S

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
   EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
   The Alpha Modules are extremely cost effective but high performance radio modules.
logo
Alpha Wire
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
   ALPHA WIRE
8/25/2020
logo
List of Unclassifed Man...
C-508H ETC1-C-508H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
C-808H ETC1-C-808H Datasheet
79Kb / 1P
   ALPHA-NUMERIC DISPLAY
logo
Panasonic Semiconductor
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
   BLUETOOTH짰 RF MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com