Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9841-0601000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9841-0601000
Description  Low Capacitance EIA RS-485
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9841-0601000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9841-0601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9841-0601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9841-0601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9841 Paired - Low Capacitance EIA RS-485
Outer Shield Drain Wire Stranding
7x32
Outer Shield Drain Wire Conductor Material
TC - Tinned Copper
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.232 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-30°C To +80°C
UL Temperature Rating
80°C
Bulk Cable Weight
36 lbs/1000 ft.
Max. Recommended Pulling Tension
72.3 lbs.
Min. Bend Radius (Install)
2.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
2919 (30 V)
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
82841, 89841
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
120 Ohms
Nom. Capacitance Conductor to Conductor @ 1 KHz
12.8 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
23 pF/ft
Nominal Velocity of Propagation
66 %
Nominal Delay
1.6 ns/ft
Nom. Conductor DC Resistance @ 20 Deg. C
24 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
3.4 Ohms/1000 ft
Nom. Attenuation (dB/100 ft)
0.6 (@ 1 MHz) dB/100 ft.
Max. Operating Voltage - UL
300 V RMS
Other Maximum Continuous Currents
2.1 Amps per conductor @ 25°C
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9841 060100
1 PR #24 PE SH PVC 100
4.3
CHROME
9841 0601000
1 PR #24 PE SH PVC 1000
40
CHROME
C
Page 2 of 3


Similar Part No. - 9841-0601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9841 ETC2-9841 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
logo
Belden Inc.
9841 BELDEN-9841 Datasheet
251Kb / 3P
   MINIATURE CIRCUIT BREAKER 120/240V 90A
9841.0030 BELDEN-9841.0030 Datasheet
251Kb / 3P
   MINIATURE CIRCUIT BREAKER 120/240V 90A
9841.011000 BELDEN-9841.011000 Datasheet
251Kb / 3P
   MINIATURE CIRCUIT BREAKER 120/240V 90A
9841.01152 BELDEN-9841.01152 Datasheet
251Kb / 3P
   MINIATURE CIRCUIT BREAKER 120/240V 90A
More results

Similar Description - 9841-0601000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
List of Unclassifed Man...
33745 ETC2-33745 Datasheet
365Kb / 2P
   Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Analog Devices
ADM485ARZ AD-ADM485ARZ Datasheet
607Kb / 16P
   Meets EIA RS-485 standard
Rev. F
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485_15 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM1485 AD-ADM1485_12 Datasheet
356Kb / 11P
   5 V Low Power EIA RS-485 Transceiver
REV. F
ADM485 AD-ADM485_V01 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com