Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1918TLQ Datasheet(PDF) 2 Page - Rohm

Part # 2SD1918TLQ
Description  Power Transistor (160V , 1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD1918TLQ Datasheet(HTML) 2 Page - Rohm

  2SD1918TLQ Datasheet HTML 1Page - Rohm 2SD1918TLQ Datasheet HTML 2Page - Rohm 2SD1918TLQ Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.C
Data Sheet
2SD1918 / 2SD1857A
Electrical characteristic curves
Ta
=25°C
01
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
10mA
9mA
7mA
6mA
5mA
4mA
3mA
2mA
IB
=1mA
8mA
VCE=5V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
Ta
=100°C
Ta
=25°C
Ta
= −25°C
Ta
=25°C
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1000
500
200
100
20
50
10
1
2
5
COLLECTOR CURRENT : IC
(A)
Fig.3 DC current gain vs. collector current (
Ι )
VCE
=10V
5V
VCE
=5V
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
1000
500
200
100
20
50
10
1
2
5
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs. collector current (
ΙΙ )
Ta
=100°C
25
°C
−25°C
Ta
=25°C
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
5
2
1
0.2
0.5
0.1
0.01
0.02
0.05
COLLECTOR CURRENT : IC
(A)
Fig.5 Collector-emitter saturation voltage
vs. collector current
IC/IB
=20
10
IC/IB
=10
0.01
0.02 0.05
0.1
0.2
0.5
1
2
5
10
10
5
2
1
0.2
0.5
0.1
0.01
0.02
0.05
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation voltage
Base-emitter saturation voltage
vs. collector current
Ta
= −25°C
25
°C
−25°C
VBE(sat)
VCE(sat)
100
°C
VCE
=5V
−1
−2
−5
−10 −20
−50 −100 −200
−500 −1000
1000
500
200
100
20
50
10
1
2
5
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth products vs. emitter current
Ta
=25°C
f
=1MHz
IE
=0A
0.1
0.2
0.5
1
2
5
10
20
50
100
1000
500
200
100
20
50
10
1
2
5
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.8 Collector output capacitance
vs. collector-base voltage
Ta
=25°C
Ta
=25°C
∗Single
nonrepetitive
pulse
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.9 Safe operating area (2SD2211)
0.1 0.2
0.5
2
5
10 20
50
100 200
500 1000
10
5
2
1
200m
500m
100m
10m
2m
1m
5m
20m
50m
Recommended land
Ic Max (Pulse)


Similar Part No. - 2SD1918TLQ

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1918 ROHM-2SD1918 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918 Datasheet
48Kb / 1P
   POWER TRANSISTOR
2SD1918 ROHM-2SD1918 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
logo
Guangdong Kexin Industr...
2SD1918 KEXIN-2SD1918 Datasheet
40Kb / 1P
   Silicon NPN Epitaxial
logo
Rohm
2SD1918 ROHM-2SD1918 Datasheet
170Kb / 3P
   Power Transistor (160V , 1.5A)
More results

Similar Description - 2SD1918TLQ

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_09 Datasheet
170Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
   Power Transistor (-160V, -1.5A)
2SB1275 ROHM-2SB1275 Datasheet
84Kb / 4P
   Power Transistor (-160V , -1.5A)
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
   PNP -1.5A -160V Middle Power Transistor
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
   160V/1.5A Switching Applications
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com