Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD106AI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 2SD106AI
Description  2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2SD106AI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 2SD106AI Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 5Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 9Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 10Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 11Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
IGBT-Driver.com
Page 9
Collector sense and dimensioning of Rth
The 2SD106AI dual
driver has a collector-
sense
circuit
to
protect
the
power
semiconductors. It is
shown in Fig. 4
Its basic operating
mode can be ob-
tained
from
the
brochure
entitled:
“Description
and
Application
Manual
for Scale Drivers”.
To correspond more
effectively
to
the
turn-on characteristic
of the IGBTs, the
SCALE drivers do not use a static reference voltage to compare the voltage at the
collector. Instead, the reference is used as shown in Fig. 5.
Value Rth
Reaction time Vth1
Vth2
VCE(off)
22k
4.9 s
4.8V
3.2V
2.35V (1 Diode)
27k
5.7 s
5.6V
3.9V
3.05V (1 Diode)
33k
6.8 s
6.5V
4.7V
3.25V (2 Diodes)
39k
7.6 s
7.3V
5.6V
4.15V (2 Diodes)
47k
9 s
8.4V
6.8V
5.35V (2 Diodes)
Table 1 Reference resistor, reaction time and turn-off threshold
Notes on Table 1
The values for “Vth1” and “Vth2” are listed in Table 1 as a function of the reference
resistance Rth.
The value in the “Vth1” column corresponds to the voltage threshold after the response
time has elapsed.
The value in the “Vth2” column corresponds to the voltage which is set up statically
across the resistor Rth. This static value is typically reached after between 10 and 15µs.
Rm
V+
V+
Ca
Cx
Rthx
Gx
Ex
Rthx
RGx
Dm (2 x 1N4007)
SCALE Driver Module
IGD 001
4
5
150uA
1.4mA
OVERCURRENT
MEASURING
Fig. 4 Collector-sense circuit principle


Similar Part No. - 2SD106AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
   Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
More results

Similar Description - 2SD106AI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
   Dual SCALE Driver Core for IGBTs and Power MOSFETs
6SD106E ETC1-6SD106E Datasheet
376Kb / 12P
   Six-pack SCALE Driver for IGBTs and Power MOSFETs
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
logo
eupec GmbH
2ED300C17-S EUPEC-2ED300C17-S Datasheet
477Kb / 32P
   Dual IGBT Driver for Medium and High Power IGBTs
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
   Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
logo
International Rectifier
AN-980 IRF-AN-980 Datasheet
375Kb / 7P
   IGBTs vs HEXFET Power MOSFETs
logo
IXYS Corporation
IXD611 IXYS-IXD611 Datasheet
278Kb / 14P
   600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
logo
Infineon Technologies A...
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com