Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33937APEK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33937APEK
Description  Three Phase Field Effect Transistor Pre-driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33937APEK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33937APEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33937A
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CURRENT SENSE AMPLIFIER (CONTINUED)
Input Offset Current
IOS = IAMP_P - IAMP_N
IOS
-80
+80
nA
Input Offset Current Drift (28)
IOS/T
40
pA/°C
Output Voltage
High Level with RLOAD = 10 k to VSS
Low Level with RLOAD = 10 k to VDD
VOH
VOL
VDD-0.2
VDD
0.2
V
Differential Input Resistance
RI
1.0
M
Output Short-circuit Current
ISC
5.0
mA
Common Mode Input Capacitance at 10 kHz (28), (29)
CI
10
pF
Common Mode Rejection Ratio at DC
CMRR = 20*Log ((VOUT_DIFF/VIN_DIFF) * (VIN_CM/VOUT_CM))
CMRR
60
80
dB
Large Signal Open Loop Voltage Gain (DC) (28), (29)
AOL
–78
dB
Nonlinearity (28), (29)
RL = 1.0 k
, CL = 500 pF, 0.3 < VO < 4.8 V, Gain = 5.0 to 15
NL
-1.0
+1.0
%
Notes
28.
This parameter is a design characteristic, not production tested.
29.
Without considering any offsets such as input offset voltage, internal mismatch and assuming no tolerance error in external resistors.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
 VPWR = VSUP  40 V-40 C  TA  135 C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33937APEK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33937APEK NXP-MC33937APEK Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
More results

Similar Description - MC33937APEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com