Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33937APEK Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC33937APEK
Description  Three Phase Field Effect Transistor Pre-driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33937APEK Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33937APEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33937A
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ESD Voltage(5)
Human Body Model - HBM (All pins except for the pins listed below)
Pins: PA_Boot, PA_HS_S, PA_HS_G, PB_Boot, PB_HS_S, PB_HS_G,
PC_Boot, PC_HS_S, PC_HS_G, VPWR
Charge Device Model - CDM
Corner pins
All other pins
VESD
±2000
±1000
±750
±300
V
THERMAL RATINGS
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance(6)
Junction-to-Case
RJC
3.0
°C/W
Soldering Temperature(7)
TSOLDER
Note 8
°C
Notes
5.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 W) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
6.
Case is considered EP - pin 55 under the body of the device. The actual power dissipation of the device is dependent on the operating
mode, the heat transfer characteristics of the board and layout and the operating voltage. See Figure 24 and Figure 25 for examples of
power dissipation profiles of two common configurations. Operation above the maximum operating junction temperature will result in a
reduction in reliability leading to malfunction or permanent damage to the device.
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
Table 2. Maximum Ratings (continued)
All voltages are with respect to VSS unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit


Similar Part No. - MC33937APEK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33937APEK NXP-MC33937APEK Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
More results

Similar Description - MC33937APEK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com