Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8804ADI Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOZ8804ADI
Description  Ultra-Low Capacitance TVS Diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8804ADI Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AOZ8804ADI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ8804ADI Datasheet HTML 11Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AOZ8804A
Rev. 1.0 October 2010
www.aosmd.com
Page 7 of 11
High Speed PCB Layout Guidelines (Continued)
Based on the AOZ8804A DFN-10 package design a very
straight forward layout can be achieved. To give the TDR
an extra level of margin the traces may be compensated
to have a nominal impedance of 90
for USB or 100
for HDMI throughout the differential pair. To make the
design perfect the added capacitance of the device will
have to be compensated by the use of “Skinny Traces”.
The skinny traces are a narrow stripe line acting to lower
the parasitic capacitance on the differential stripe line.
The differential impedance of the transmission line
becomes well centered to 90
Ω or to 100. A layout EM
field simulator is recommended before fabrication to
insure a perfect stripe line. With careful layout and
placement of the device, the AOZ8804A can protect the
USB 3.0 and HDMI data line effectively and safely and
meet the ESD immunity requirements of the
IEC61000-4-2, level 4, ±15kV air discharge, ±8kV contact
discharge.
Figure 8. USB 3.0 PCB Layout with Compensated Traces
.
Number of Layers
4
Copper Trace Thickness
1.4 mils
Dielectric Constant,
ε
r
4.6
Overall Board Thickness
62 mils
Dielectric Thickness Between
Top and Ground Layer
10 mils


Similar Part No. - AOZ8804ADI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
More results

Similar Description - AOZ8804ADI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8807 AOSMD-AOZ8807 Datasheet
535Kb / 8P
   Ultra-Low Capacitance TVS Diode
AOZ8819 AOSMD-AOZ8819 Datasheet
584Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8808 AOSMD-AOZ8808 Datasheet
379Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Infineon Technologies A...
ESD5V3U1U INFINEON-ESD5V3U1U Datasheet
613Kb / 8P
   Ultra-Low Capacitance TVS Diode
2010-03-12
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Infineon Technologies A...
ESD5V0H1U-02LS INFINEON-ESD5V0H1U-02LS Datasheet
617Kb / 7P
   Ultra-Low Capacitance TVS Diode
2009-06-18
logo
Alpha & Omega Semicondu...
AOZ8809 AOSMD-AOZ8809 Datasheet
614Kb / 9P
   Ultra-Low Capacitance TVS Diode
AOZ8809ADI AOSMD-AOZ8809ADI Datasheet
873Kb / 10P
   Ultra-Low Capacitance TVS Diode
AOZ8806 AOSMD-AOZ8806 Datasheet
391Kb / 8P
   Ultra-Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com