Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9786 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9786
Description  SMA Female to QMA Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9786 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9786 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9786 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9786 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 2
Type
QMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Spring Bronze, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-qma-male-straight-adapter-pe9786-p.aspx
SMA Female to QMA Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to QMA Male Adapter
PE9786
PE9786 REV


Similar Part No. - PE9786

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
   SMA Female to QMA Male Adapter
More results

Similar Description - PE9786

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9786 PASTERNACK-PE9786 Datasheet
262Kb / 3P
   SMA Female to QMA Male Adapter
PE9787 PASTERNACK-PE9787 Datasheet
464Kb / 3P
   N Male to QMA Female Adapter
PE91346 PASTERNACK-PE91346 Datasheet
346Kb / 4P
   Hermetically Sealed Snap-On QMA Female to SMA Male Adapter
PE9103 PASTERNACK-PE9103 Datasheet
253Kb / 3P
   SMA Male to SMA Female Adapter
logo
Mini-Circuits
SFR-SM50 MINI-SFR-SM50 Datasheet
186Kb / 2P
   Adapter SMA-Female to SMA-Male
logo
Pasternack Enterprises,...
PE91345 PASTERNACK-PE91345 Datasheet
345Kb / 4P
   Hermetically Sealed Snap-On QMA Male to SMA Female Snap-On Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE9546 PASTERNACK-PE9546 Datasheet
242Kb / 2P
   QD SMA Male to SMA Female Adapter
PE91342 PASTERNACK-PE91342 Datasheet
344Kb / 4P
   Hermetically Sealed Snap-On QMA Male to QMA Female Snap-On Adapter
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
   Adapter, SMA Female To TNC Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com