Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMC6G10US60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMC6G10US60
Description  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC6G10US60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMC6G10US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC6G10US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC6G10US60 Rev. A3
Electrical Characteristics of the DIODE @ Inverter T
C = 25°C unless otherwise noted
Electrical Characteristics of the DIODE @ Converter T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 10A
TC = 25°C
--
1.8
2.8
V
TC = 100°C
--
1.75
--
trr
Diode Reverse Recovery Time
IF = 10A
di / dt = 20 A/us
TC = 25°C
--
90
130
ns
TC = 100°C
--
110
--
Irr
Diode Peak Reverse Recovery
Current
TC = 25°C
--
0.7
1.2
A
TC = 100°C
--
1
--
Qrr
Diode Reverse Recovery Charge
TC = 25°C
--
32
70
nC
TC = 100°C
--
55
--
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VFM
Diode Forward Voltage
IF = 10A
TC = 25°C
--
1.1
1.5
V
TC = 100°C
--
1.0
--
IRRM
Repetitive Reverse Current
VR = VRRM
TC = 25°C
--
--
8
mA
TC = 100°C
--
5
--
Symbol
Parameter
Typ.
Max.
Units
Inverter
RθJC
Junction-to-Case (IGBT Part, per 1/6 Module)
--
3.47
°C/W
RθJC
Junction-to-Case (DIODE Part, per 1/6 Module)
--
4.0
°C/W
Converter
RθJC
Junction-to-Case (DIODE Part, per 1/6 Module)
--
3.6
°C/W
Weight
Weight of Module
60
--
g


Similar Part No. - FMC6G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results

Similar Description - FMC6G10US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com