Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EG-AW Datasheet(PDF) 7 Page - Nuvotem Talema

Part # W83977EG-AW
Description  These products are not designed for use in life support appliances
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

W83977EG-AW Datasheet(HTML) 7 Page - Nuvotem Talema

Back Button W83977EG-AW Datasheet HTML 3Page - Nuvotem Talema W83977EG-AW Datasheet HTML 4Page - Nuvotem Talema W83977EG-AW Datasheet HTML 5Page - Nuvotem Talema W83977EG-AW Datasheet HTML 6Page - Nuvotem Talema W83977EG-AW Datasheet HTML 7Page - Nuvotem Talema W83977EG-AW Datasheet HTML 8Page - Nuvotem Talema W83977EG-AW Datasheet HTML 9Page - Nuvotem Talema W83977EG-AW Datasheet HTML 10Page - Nuvotem Talema W83977EG-AW Datasheet HTML 11Page - Nuvotem Talema Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
W83977EF-AW/W83977EG-AW
1. GENERAL DESCRIPTION
W83977EF/EG is an evolving product from Nuvoton's most popular I/O chip W83877F --- which
integrates the disk drive adapter, serial port (UART), IrDA 1.0 SIR, parallel port, configurable plug-
and-play registers for the whole chip --- plus additional powerful features: ACPI, 8042 keyboard
controller with PS/2 mouse support, 14 general purpose I/O ports, full 16-bit address decoding,
OnNow keyboard Wake-Up, OnNow mouse Wake-Up.
The disk drive adapter functions of W83977EF/EG include a floppy disk drive controller compatible
with the industry standard 82077/ 765, data separator, write pre-compensation circuit, decode logic,
data rate selection, clock generator, drive interface control logic, and interrupt and DMA logic. The
wide range of functions integrated onto the W83977EF greatly reduces the number of components
required for interfacing with floppy disk drives. The W83977EF supports four 360K, 720K, 1.2M,
1.44M, or 2.88M disk drives and data transfer rates of 250 Kb/s, 300 Kb/s, 500 Kb/s,1 Mb/s, and 2
Mb/s.
W83977EF/EG provides two high-speed serial communication ports (UARTs), one of which supports
serial Infrared communication. Each UART includes a 16-byte send/receive FIFO, a programmable
baud rate generator, complete modem control capability, and a processor interrupt system. Both
UARTs provide legacy speed with baud rate up to 115.2k bps and also advanced speed with baud
rates of 230k, 460k, or 921k bps which support higher speed modems.
W83977EF/EG supports one PC-compatible printer port (SPP), Bi-directional Printer port (BPP) and
also Enhanced Parallel Port (EPP) and Extended Capabilities Port (ECP). Through the printer port
interface pins, also available are: Extension FDD Mode and Extension 2FDD Mode allowing one or
two external floppy disk drives to be connected.
The configuration registers support mode selection, function enable/disable, and power down function
selection. Furthermore, the configurable PnP features are compatible with the plug-and-play feature
demand of Windows 95TM, which makes system resource allocation more efficient than ever.
W83977EF/EG provides functions that complies with ACPI (Advanced Configuration and Power
Interface
), which includes support of legacy and ACPI power management through SMI or SCI
function pins. W83977EF/EG also has auto power management to reduce power consumption.
The keyboard controller is based on 8042 compatible instruction set with a 2K Byte programmable
ROM and a 256-Byte RAM bank. Keyboard BIOS firmware are available with optional AMIKEY
TM
-
2,
Phoenix MultiKey/42
TM, or customer code.
W83977EF/EG provides a set of flexible I/O control functions to the system designer through a set of
General Purpose I/O ports. These GPIO ports may serve as simple I/O or may be individually
configured to provide a predefined alternate function.
W83977EF/EG also supports Power-loss control, and makes the system never miss to detect any
Wake-Up event provided by the chipset such as INTEL PIIX4
TM
.
W83977EF is made to fully comply with Microsoft PC98 Hardware Design Guide. IRQs, DMAs, and
I/O space resource are flexible to adjust to meet ISA PnP requirement. Moreover W83977EF/EG is
made to meet the specification of PC98's requirement in the power management: ACPI and DPM
(Device Power Management).
Another benifit is that W83977EF/EG is of the same pin assignment of W83977AF, W83977F,
W83977TF, W83977ATF. Thus makes the design very flexible.
Publication Release Date: Apr. 2006
-5-
Revision 1.2


Similar Part No. - W83977EG-AW

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83977EG-AW NUVOTON-W83977EG-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EG-AW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Yea Shin Technology Co....
MUR240 YEASHIN-MUR240 Datasheet
396Kb / 3P
   Power Rectifier These state?뭥f?뭪he?뭓rt devices are designed for use in switching power supplies
logo
Linx Technologies
ANT-ELE-S01-006 LINX-ANT-ELE-S01-006 Datasheet
433Kb / 2P
   These low-cost, high-performance elements are designed for use with MAG Series magnetic bases.
11/18/13
logo
TDK Electronics
HF50ACB201209 TDK-HF50ACB201209 Datasheet
139Kb / 17P
   REMINDERS FOR USING THESE PRODUCTS
logo
Powerex Power Semicondu...
CM300DY-24S POWEREX-CM300DY-24S Datasheet
1Mb / 9P
   Powerex Dual IGBT Modules are designed for use in switching applications.
CM600DY-24S POWEREX-CM600DY-24S Datasheet
1Mb / 9P
   Powerex Dual IGBT Modules are designed for use in switching applications.
CM800DY-24S POWEREX-CM800DY-24S Datasheet
490Kb / 6P
   Powerex Dual IGBTMOD Modules are designed for use in switching applications.
CM450DY-24S POWEREX-CM450DY-24S Datasheet
885Kb / 6P
   Powerex Dual IGBTMOD Modules are designed for use in switching applications.
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H2P1 JAE-HB01S25H2P1 Datasheet
348Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com