Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6015L53 Datasheet(PDF) 6 Page - Littelfuse

Part # S6015L53
Description  High voltage capability ??200 V to 1000 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6015L53 Datasheet(HTML) 6 Page - Littelfuse

Back Button S6015L53 Datasheet HTML 2Page - Littelfuse S6015L53 Datasheet HTML 3Page - Littelfuse S6015L53 Datasheet HTML 4Page - Littelfuse S6015L53 Datasheet HTML 5Page - Littelfuse S6015L53 Datasheet HTML 6Page - Littelfuse S6015L53 Datasheet HTML 7Page - Littelfuse S6015L53 Datasheet HTML 8Page - Littelfuse S6015L53 Datasheet HTML 9Page - Littelfuse S6015L53 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
* Mounted on 1cm2 copper foil surface; two-ounce copper foil
Electrical Isolation
Teccor’s isolated SCR packages will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab over
the device's operating temperature range. The following table
shows standard and optional isolation ratings.
* UL Recognized File #E71639
** For 4000 V isolation, use “V” suffix in part number.
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYP.)
Pkg.
Code
LF
F2
R
J
W
K
M
D
V
N
Type
TO-220
Isolated
TO-202
Type 1
Non-isolated
TO-202
Type 2
Non-isolated
TO-220
Non-isolated
TO-218X
Isolated
TO-218X
Non-isolated
TO-218
Isolated
TO-218
Non-isolated
TO-252
D-Pak
Surface Mount
TO-251AA
V-Pak
Non-isolated
TO-263
D2Pak
Non-isolated
1A
See below
6A
4.0 [50]
4.3 [45]
9.5 [70]
1.7
2.3 [70]
8A
3.4
3.9
1.8 [40]
1.5
2.0
10 A
3.0
3.4
1.6
1.45
1.7
12 A
1.5
1.4
1.6
15 A
2.5
16 A
1.3
1.3
20 A
2.4
25 A
2.35
1.0
1.0
35 A
0.70
0.70
40 A
0.6
0.6
55 A
0.5
0.53
0.53
0.5
65 A
0.86
0.86
70 A
0.60
Thermal Resistance (Steady State)
RθJC [RθJA] °C/W (TYP.)
Package Code
CE
Type
Compak
TO-92
1A
35 *
50 [145]
Electrical Isolation *
from Leads to Mounting Tab
VAC RMS
TO-220
Isolated
TO-218X
Isolated
TO-218
Isolated
2500
Standard
Standard
Standard
4000
Optional **
N/A
N/A


Similar Part No. - S6015L53

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
More results

Similar Description - S6015L53

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV64SW STMICROELECTRONICS-STHV64SW Datasheet
2Mb / 3P
   64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
March 2019 Rev 1
logo
Rugao Dachang Electroni...
MB2S DACHANG-MB2S Datasheet
118Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.5A
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
logo
New Jersey Semi-Conduct...
2N2326 NJSEMI-2N2326 Datasheet
94Kb / 1P
   SCR, V(DRM) = 200 V TO 299.9 V
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
logo
List of Unclassifed Man...
MB1F ETC-MB1F Datasheet
462Kb / 3P
   VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
logo
First Silicon Co., Ltd
S2AF FS-S2AF Datasheet
552Kb / 2P
   Reverse Voltage - 50 to 1000 V , Forward Current - 2A
logo
DAESAN ELECTRONIC CORP.
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
logo
Solid States Devices, I...
SFT6925A SSDI-SFT6925A Datasheet
220Kb / 2P
    NPN HIGH VOLTAGE HIGH SPEED TRANSISTOR 60 AMPS 1000 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com