Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA741ID/IDT Datasheet(PDF) 2 Page - STMicroelectronics

Part # UA741ID/IDT
Description  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741ID/IDT Datasheet(HTML) 2 Page - STMicroelectronics

  UA741ID/IDT Datasheet HTML 1Page - STMicroelectronics UA741ID/IDT Datasheet HTML 2Page - STMicroelectronics UA741ID/IDT Datasheet HTML 3Page - STMicroelectronics UA741ID/IDT Datasheet HTML 4Page - STMicroelectronics UA741ID/IDT Datasheet HTML 5Page - STMicroelectronics UA741ID/IDT Datasheet HTML 6Page - STMicroelectronics UA741ID/IDT Datasheet HTML 7Page - STMicroelectronics UA741ID/IDT Datasheet HTML 8Page - STMicroelectronics UA741ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Schematic diagram
UA741
2/11
Doc ID 5304 Rev 2
1
Schematic diagram
Figure 1.
Schematic diagram
Non-Inverting input
Q8
Q9
Q12
Q1
Q2
R5
39k
W
Q3
Q4
Q7
Q5
Q6
Q10
Q11
R1
1k
W
R12
50k
W
Vcc-
Q17
Q16
Q20
R10
50
W
Output
R9
25
W
Q14
Q15
Vcc+
Q13
C1
30pF
Inverting
input
Offset
null 2
R2
1k
W
R3
50k
W
Offset
null 1
R4
5k
W
Q18
R7
4.5k
W
R8
7.5k
W
Q22
R11
50
W


Similar Part No. - UA741ID/IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741ID/IDT STMICROELECTRONICS-UA741ID/IDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
More results

Similar Description - UA741ID/IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741MN STMICROELECTRONICS-UA741MN Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com