Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53914NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-53914NL
Description  SMT COMMON MODE INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-53914NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-53914NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
115
SPM2007 (11/07)
SMT COMMON MODE INDUCTORS
0.5A to 3.6A
Pick and place compatible
Rated voltage 250VAC
Low RFI toroid
Tape & Reel packaging available
1
2
3
4
A
MAX
4X .060
1,52
4X .175
4,45
E± .005
0,13
F± .005
0,13
R
D± .015
0,38
B MAX
C
MAX
.005/0,13
4 SURFACES
SUGGESTED PAD LAYOUT
4
1
2
3
1:1 ±2%
Mechanical
Schematic
Typical
Part 1,2
Inductance
Irated
DCR (MAX)
SRF
Impedance
Size
Weight
Quantity
Number
(mH MIN)
(A)
(m
Ω)
(MHz)
Curve
Code
(Grams)
In Tube
PE-53914NL
13.2
0.50
850
0.3
5
LCCI-37
2.4
30
PE-53913NL
6.0
1.00
450
0.5
4
LCCI-37
2.4
30
PE-53912NL
1.8
2.50
80
2.2
3
LCCI-50
5.2
30
PE-53911NL
0.9
1.50
60
2
2
LCCI-37
2.5
30
PE-53910NL
0.6
3.60
50
4
1
LCCI-50
5.3
30
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C 3
Size
A
B
C
D
E
F
LCCI-37
.560/14,22
.645/16,38
.350/8,89
.520/13,21
.340/8,64
.530/13,46
LCCI-50
.670/17,02
.770/19,56
.390/9,90
.650/16,51
.445/11,30
.660/16,76
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
Typical Impedance Curves
Frequency (MHz)
1K
4
1
2
3
5
0
2K
3K
4K
5K
6K
7K
0
0.01
0.1
1
10
100
NOTE:
1. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PE-53914L becomes PE-53914LT).
Pulse complies to industry standard tape and reel specification
EIA481.
2. The "NL" suffix indicates an RoHS-compliant part number. Non-NL
suffixed parts are not necessarily RoHS compliant, but are electri
cally and mechanically equivalent to NL versions. If a part number
does not have the "NL" suffix, but an RoHS compliant version is
required, please contact Pulse for availability.
3. The temperature of the component (ambient plus temperature rise)
must be within the stated operating temperature range.


Similar Part No. - PE-53914NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53914NL PULSE-PE-53914NL Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53914NL PULSE-PE-53914NL Datasheet
142Kb / 1P
   Pick and place compatible
PE-53914NL PULSE-PE-53914NL Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
PE-53914NL PULSE-PE-53914NL Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53914NL PULSE-PE-53914NL Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
More results

Similar Description - PE-53914NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53914NLT PULSE-PE-53914NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
SPM2007 PULSE-SPM2007_62 Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
PL8800 PULSE-PL8800 Datasheet
68Kb / 1P
   SMT COMMON MODE INDUCTORS
PE-53914 PULSE-PE-53914 Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
PL2356 PULSE-PL2356 Datasheet
568Kb / 1P
   SMT COMMON MODE INDUCTORS
X-1568 PULSE-X-1568 Datasheet
179Kb / 2P
   SMT COMMON MODE INDUCTORS
PE-53911NLT PULSE-PE-53911NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53912NLT PULSE-PE-53912NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com