Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0473NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0473NL
Description  Solutions based on impedance, size and current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0473NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0473NL Datasheet HTML 1Page - Pulse A Technitrol Company P0473NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
pulseelectronics.com
SMT Common Mode Chokes
1.22A to 14.0 A
SPM2007 (03/13)
Polecat
HCCI-68
LCCI-50
BIg Foot
Mechanicals
3
1
2
4
4X .060
1,52
4X .175
4,45
Suggested Pad Layout
.500 MAX
12,70
.215 MAX
5,46
.410
10,41
.330
8,38
.410
10,41
R
.500 MAX
12,70
.005/0,13
4 SURFACES
.330
8,38
13
4
2
P0527NL
DATE OF CODE
CTRY ORIGIN
U.S. PAT. 5309130
117
4
1
2
3
Schematic
Dimensions: Inches
mm
.005
0,13
Unless otherwise specified, all tolerances are ±


Similar Part No. - P0473NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0473NL PULSE-P0473NL Datasheet
782Kb / 2P
   Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
P0473NL PULSE-P0473NL Datasheet
782Kb / 2P
   Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
P0473NL PULSE-P0473NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current Designed for DC/DC converters
P0473NL PULSE-P0473NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0473NL PULSE-P0473NL Datasheet
784Kb / 2P
   Solutions based on impedance, size and current
More results

Similar Description - P0473NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0354T PULSE-P0354T Datasheet
129Kb / 2P
   Solutions based on impedance, size and current
P0354NLT PULSE-P0354NLT Datasheet
784Kb / 2P
   Solutions based on impedance, size and current
P0422 PULSE-P0422 Datasheet
129Kb / 2P
   Solutions based on impedance, size and current
SPM2007 PULSE-SPM2007_63 Datasheet
784Kb / 2P
   Solutions based on impedance, size and current Designed for DC/DC converters
P0421NLT PULSE-P0421NLT Datasheet
782Kb / 2P
   Solutions based on impedance, size and current, Designed for DC/DC converters, Dielectric strength: 1000VRMS
logo
Murata Manufacturing Co...
LQW15AN9N7H0Z MURATA-LQW15AN9N7H0Z Datasheet
76Kb / 2P
   Rated current (Itemp) (Based on Temperature rise)
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
STMicroelectronics
AN2823 STMICROELECTRONICS-AN2823 Datasheet
1Mb / 33P
   Current source for LED driving based on the L5973AD
STEVAL-ILL017V1 STMICROELECTRONICS-STEVAL-ILL017V1 Datasheet
126Kb / 4P
   Offline constant current LED driver based on the VIPer17
logo
List of Unclassifed Man...
EQ6-40 ETC-EQ6-40 Datasheet
836Kb / 4P
   Matched 50 Ohm Impedance on Input and Output Ports
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com