Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3106U-0003-0173 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 3106U-0003-0173
Description  Thermostats Line Guide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

3106U-0003-0173 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 3106U-0003-0173 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 3106U-0003-0173 Datasheet HTML 10Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.honeywell.com/sensing
7
2450R Series.
Features:
Cost effective • Rivet sleeve
construction • Low profile • Wide variety of
mounting brackets and terminals
Benefits:
Low profile and small size
allows enhanced response to temperature
changes. Factory calibrated to customer’s
specification. Potential for use in
high current HVAC, major appliance,
automotive, heat/smoke detector and copy
machine applications.
2450RC Series.
Features:
Cost effective • Rivet sleeve
construction • Low profile • Wide variety of
mounting brackets and terminals
Benefits:
Low profile and small size
allows enhanced response to temperature
changes. Potential for use in high current
HVAC, power supplies, decorative fire
places, glue gun applications.
2450RCG Series.
Features:
Cost effective • Gold alloy
contacts • Rivet sleeve construction • Low
profile • Wide variety of mounting brackets
and terminals
Benefits:
Low profile and small product
size allows enhanced response to
temperature changes. Gold alloy contacts
allow for potential use for low voltage
HVAC, power supply, decorative fire
places and glue gun applications.
2450RG Series.
Features:
Cost effective • Gold alloy
contacts • Rivet sleeve construction
• Wide variety of mounting brackets and
terminals
Benefits:
Small product size allows
enhanced response to temperature
changes. 4- posted “H” construction for
application mounting bracket. Gold alloy
contacts allow for potential use for low
voltage tabletop appliance applications.
2455R Series.
Features:
Cost effective • Rivet sleeve
construction • High profile • High current
• Wide variety of mounting brackets and
terminals
Benefits:
Small product size allows
enhanced response to temperature
changes. Factory calibrated to customer’s
specification. Potential for use in high
current HVAC, automotive, copy machine,
major appliance and heat/smoke detection
applications.
2455RA Series.
Features:
Cost effective • Gold alloy
contacts • Epoxy-sealed cap and
terminals • Wide variety of terminals
• Stepped aluminum cap - 15 ft spacing,
1” collector for 30’ spacing, and a 1.5
in collector for 50 ft spacing. Collector
brackets available per UL
Benefits:
Small size allows enhanced
response to temperature changes.
Epoxy sealed for long life. Available with
or without heat collectors. Gold alloy
contacts allow for potential use for low
voltage fire alarm, smoke detector and
security device applications.
2455RBV Series.
Features:
Cost effective • Epoxy overmold
• Rivet sleeve construction • Dust-free
housing • Factory calibrated • Wide
variety of mounting brackets and terminals
Benefits:
Epoxy overmolded construction
provides electrical insulation. Small size
allows enhanced response to temperature
changes. Factory calibrated to customer’s
specification. Potential for use in high
current automotive and industrial
equipment applications.
2455RC Series.
Features:
Cost effective • Rivet sleeve
construction • High profile • Wide variety
of mounting brackets and terminals
Benefits:
Small product size allows
enhanced response to temperature
changes. Potential for use in high current
HVAC, power supply, spa and office
automation applications.
2455RG Series.
Features:
Cost effective • Gold alloy
contacts • Rivet sleeve construction
• High profile • Factory calibrated • Wide
variety of mounting brackets and terminals
Benefits:
Small product size allows
enhanced response to temperature
changes. Factory calibrated to customer’s
specification. Gold alloy contacts allow
for potential use for low voltage HVAC,
automotive, copy machines, heat/
smoke detection and major appliance
applications.
2455Rm Series.
Features:
Cost effective • Rivet sleeve
construction • Factory calibrated • Wide
variety of mounting brackets and terminals
Benefits:
Small size allows enhanced
response to temperature changes. Used
in high current. Factory calibrated to
customer’s specification. Potential uses
include HVAC, power supply and office
automation.
PRECiSion ThERmoSTATS
3000 Series.
Features:
Custom packaging
• Hermetically sealed • Tight tolerances
• Tight differentials • Customized probe
length • Hermetic connector or potted
constructions
Benefits:
Internal and external design
options meet exacting customer
requirements. All-welded, hermetically-
sealed stainless steel construction for
potential military applications requiring
flexibility in mounting and terminal
configurations.
3100 Series.
Features:
Hermetically sealed • Tight
tolerances • Tight differentials • Pre-set
and tamper proof • SPST contacts • Wide
variety of mounting brackets and terminals
Benefits:
Designed to meet or exceed
critical commercial and industrial
specifications. Temperature calibrations
pre-set at factory. Each unit 100%
thermally and mechanically inspected.
Potential applications include computers,
medical electronics, power supplies,
industrial controls, infotech, and test
equipment.


Similar Part No. - 3106U-0003-0173

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3106UF VMI-3106UF Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - 3106U-0003-0173

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Honeywell Accelerometer...
2455R-100-77 HONEYWELL-ACC-2455R-100-77 Datasheet
320Kb / 8P
   Thermostats - Commercial
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Accelerometer...
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com