Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRS2004S Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRS2004S
Description  Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRS2004S Datasheet(HTML) 3 Page - International Rectifier

  AUIRS2004S Datasheet HTML 1Page - International Rectifier AUIRS2004S Datasheet HTML 2Page - International Rectifier AUIRS2004S Datasheet HTML 3Page - International Rectifier AUIRS2004S Datasheet HTML 4Page - International Rectifier AUIRS2004S Datasheet HTML 5Page - International Rectifier AUIRS2004S Datasheet HTML 6Page - International Rectifier AUIRS2004S Datasheet HTML 7Page - International Rectifier AUIRS2004S Datasheet HTML 8Page - International Rectifier AUIRS2004S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AUIRS2004S
3
Description
The AUIRS2004S is a high voltage, high speed power MOSFET and IGBT driver with dependent high and low side referenced
output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The
logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse
current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive N-channel
power MOSFET or IGBT in the high side configuration which operates from 10V to 200 volts.


Similar Part No. - AUIRS2004S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
   Floating channel designed for bootstrap operation
AUIRS2004S IRF-AUIRS2004S_15 Datasheet
301Kb / 16P
   Floating channel designed for bootstrap operation
More results

Similar Description - AUIRS2004S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
   Undervoltage lockout
April 2015 Rev 4
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com