Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIR3313STRL Datasheet(PDF) 8 Page - International Rectifier

Part # AUIR3313STRL
Description  PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIR3313STRL Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIR3313STRL Datasheet HTML 4Page - International Rectifier AUIR3313STRL Datasheet HTML 5Page - International Rectifier AUIR3313STRL Datasheet HTML 6Page - International Rectifier AUIR3313STRL Datasheet HTML 7Page - International Rectifier AUIR3313STRL Datasheet HTML 8Page - International Rectifier AUIR3313STRL Datasheet HTML 9Page - International Rectifier AUIR3313STRL Datasheet HTML 10Page - International Rectifier AUIR3313STRL Datasheet HTML 11Page - International Rectifier AUIR3313STRL Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AUIR3313(S)
www.irf.com
8
50%
100%
150%
200%
-50
0
50
100
150
0
1
2
3
4
5
6
-50
0
50
100
150
0
2
4
6
8
10
0
10
20
30
40
50
Figure 6
– Icc (mA) Vs Vcc-Vin (V)
Vcc-Vin, supply voltage (V)
Tj, junction temperature (°C)
Figure 7
– Icc off (µA) Vs Tj (°C)
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Vifb-Vin@Isd
VIH
VIL
Tj, junction temperature (°C)
Figure 8 - Normalized Rds(on) (%) Vs Tj (°C)
Tj, junction temperature (°C)
Figure 9
– Vih, Vil and Vifb-Vin@Isd (V) Vs Tj (°C)
All curves are typical characteristics. Operation in hatched areas is not recommended. Tj=25°C, Rifb=500ohm, Vcc=14V
(unless otherwise specified).


Similar Part No. - AUIR3313STRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313STRL INFINEON-AUIR3313STRL Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
More results

Similar Description - AUIR3313STRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIR3313 INFINEON-AUIR3313 Datasheet
596Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
December, 10th 2010 revision F
logo
International Rectifier
IR3313STRLPBF IRF-IR3313STRLPBF Datasheet
253Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3314 INFINEON-AUIR3314 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2010 revision E
logo
International Rectifier
IR3313PBF IRF-IR3313PBF Datasheet
778Kb / 10P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313S IRF-IR3313S Datasheet
821Kb / 11P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3314 IRF-AUIR3314_15 Datasheet
301Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315_15 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
IR3313SPBF IRF-IR3313SPBF Datasheet
353Kb / 12P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
AUIR3315 IRF-AUIR3315 Datasheet
289Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
1441791 IRF-1441791 Datasheet
313Kb / 16P
   PROGRAMMABLE CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com