Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM93C66A Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FM93C66A
Description  4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C66A Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FM93C66A Datasheet HTML 4Page - Fairchild Semiconductor FM93C66A Datasheet HTML 5Page - Fairchild Semiconductor FM93C66A Datasheet HTML 6Page - Fairchild Semiconductor FM93C66A Datasheet HTML 7Page - Fairchild Semiconductor FM93C66A Datasheet HTML 8Page - Fairchild Semiconductor FM93C66A Datasheet HTML 9Page - Fairchild Semiconductor FM93C66A Datasheet HTML 10Page - Fairchild Semiconductor FM93C66A Datasheet HTML 11Page - Fairchild Semiconductor FM93C66A Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FM93C66A Rev. B.1
tCSS
SYNCHRONOUS DATA TIMING
CS
SK
DI
DO (Data Read)
DO (Status Read)
Valid Status
tDIS
tDIH
tPD
tDH
tSV
tSKH
tSKL
tCSH
tDF
tDF
tPD
Valid
Input
Valid
Input
Valid
Output
Valid
Output
CS
SK
DI
DO
High - Z
Dummy
Bit
1
1
0
A1
A0
0
D1
D0
;;;;;;;;;;;;;;
;;;;;;;;;;;;;;
tCS
;;;
;;;
READ CYCLE (READ)
Address
Bits(8/9)
Star t
Bit
Opcode
Bits(2)
93C66A (ORG=1;
A
n=A7; Dn=D15):
Address bits patter n -> A7-A6-A5-A4-A3-A2-A1-A0; User defined
93C66A (ORG=0;
A
n=A8; Dn=D7):
Address bits patter n -> A8-A7-A6-A5-A4-A3-A2-A1-A0; User defined
A
n
A
n-1
D
n
Timing Diagrams
Address
Bits(8/9)
CS
SK
DI
DO
High - Z
WRITE ENABLE CYCLE (WEN)
Start
Bit
Opcode
Bits(2)
1
0
0
A1
A0
tCS
A
n
A
n-1
93C66A (ORG=1;
A
n=A7):
Address bits pattern -> 1-1-x-x-x-x-x-x; (x -> Don ’ t Care, can be 0 or 1)
93C66A (ORG=0;
A
n=A8):
Address bits pattern -> 1-1-x-x-x-x-x-x-x; (x -> Don ’ t Care, can be 0 or 1)


Similar Part No. - FM93C66A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66E FAIRCHILD-FM93C66E Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66V FAIRCHILD-FM93C66V Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Similar Description - FM93C66A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com