Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXL5010 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPXL5010
Description  OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXL5010 Datasheet(HTML) 6 Page - Motorola, Inc

  MPXL5010 Datasheet HTML 1Page - Motorola, Inc MPXL5010 Datasheet HTML 2Page - Motorola, Inc MPXL5010 Datasheet HTML 3Page - Motorola, Inc MPXL5010 Datasheet HTML 4Page - Motorola, Inc MPXL5010 Datasheet HTML 5Page - Motorola, Inc MPXL5010 Datasheet HTML 6Page - Motorola, Inc MPXL5010 Datasheet HTML 7Page - Motorola, Inc MPXL5010 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MPXL5010 SERIES
6
Motorola Sensor Device Data
PACKAGE DIMENSIONS
CASE 469–01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. VERTICAL SURFACES MAY BE UP TO 5
° DRAFT.
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
G
R
J
D
1
4
8
5
–T–
8 PL
L
K
P
C
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.658
0.668
16.71
16.97
B
0.541
0.551
13.74
13.99
C
0.207
0.217
5.26
5.51
D
0.046
0.054
1.17
1.37
F
0.026
0.034
0.66
0.86
G
0.100 BSC
2.54 BSC
H
0.107
0.117
2.72
2.97
J
0.009
0.011
0.23
0.28
K
0.280
0.292
7.11
7.42
L
0.138
0.150
3.50
3.81
P
0.972
1.006
24.69
25.55
R
0.503
0.523
12.78
13.28
F
STYLE 1:
PIN 1. NC
2. VSUPPLY
3. GROUND
4. VOUT
5. NC
6. NC
7. NC
8. NC
CASE 472B–01
ISSUE O
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
W
G
X
R
S
U
V
C
F
1
4
8
5
–T–
8 PL
P
MARKING SURFACE
J
M
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. VERTICAL SURFACES MAY BE UP TO 5
° DRAFT.
6. DIMENSION P TO CENTER OF LEAD WHEN
FORMED PARALLEL.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.658
0.668
16.71
16.97
B
0.541
0.551
13.74
13.99
C
0.555
0.595
14.10
15.11
F
0.026
0.034
0.66
0.86
G
0.100 BSC
2.54 BSC
J
0.009
0.011
0.23
0.28
L
0.138
0.150
3.50
3.81
Y
0.002
0.020
0.05
0.51
M
0
15
0
15
P
0.735
0.745
18.67
18.92
R
0.185
0.195
4.69
4.95
S
0.155
0.165
3.94
4.19
U
0.120
0.130
3.05
3.30
V
0.305
0.315
7.75
8.00
W
0.561
0.571
14.25
14.50
X
0.010
0.025
0.25
0.63
___
_
L
Y
STYLE 1:
PIN 1. NC
2. VSUPPLY
3. GROUND
4. VOUT
5. NC
6. NC
7. NC
8. NC


Similar Part No. - MPXL5010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPXL10GC7U MOTOROLA-MPXL10GC7U Datasheet
93Kb / 4P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPXL5010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXS4115A MOTOROLA-MPXS4115A Datasheet
100Kb / 6P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR
MPX4115 MOTOROLA-MPX4115 Datasheet
142Kb / 8P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX4105 MOTOROLA-MPX4105 Datasheet
98Kb / 6P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
   OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
   INTEGRATED PRESSURE SENSOR
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
   INTEGRATED PRESSURE SENSOR
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
   INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPX4100 FREESCALE-MPX4100 Datasheet
236Kb / 10P
   INTEGRATED PRESSURE SENSOR
logo
Motorola, Inc
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
   INTEGRATED PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com