Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5564-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 2N5564-E3
Description  Matched N-Channel JFET Pairs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N5564-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  2N5564-E3 Datasheet HTML 1Page - Vishay Siliconix 2N5564-E3 Datasheet HTML 2Page - Vishay Siliconix 2N5564-E3 Datasheet HTML 3Page - Vishay Siliconix 2N5564-E3 Datasheet HTML 4Page - Vishay Siliconix 2N5564-E3 Datasheet HTML 5Page - Vishay Siliconix 2N5564-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N5564/5565/5566
Vishay Siliconix
Document Number: 70254
S-50150—Rev. E, 24-Jan-05
www.vishay.com
5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Common-Gate Forward Admittance
Common-Gate Reverse Admittance
100
10
1
0.1
100
1000
200
500
−gfg
bfg
gfg
VDG = 15 V
ID = 10 mA
TA = 25_C
10
1
0.1
0.01
100
1000
200
500
VDG = 15 V
ID = 10 mA
TA = 25_C
−grg
−brg
+grg
f − Frequency (MHz)
f − Frequency (MHz)
Common-Gate Output Admittance
100
10
1
0.1
100
1000
200
500
VDG = 15 V
ID = 10 mA
TA = 25_C
gog
bog
f − Frequency (MHz)
Noise Voltage vs. Frequency
100
10
1
10
100
1 k
100 k
10 k
ID = 1 mA
ID = 10 mA
VDS = 15 V
f − Frequency (Hz)
Transconductance vs. Drain Current
100
10
1
0.1
1.0
10
ID − Drain Current (mA)
TA = −55_C
25_C
125_C
Output Conductance vs. Drain Current
1000
100
10
0.1
1.0
10
ID − Drain Current (mA)
TA = −55_C
25_C
125_C
VDS = 15 V
f = 1 kHz
VGS(off) = −2 V
VDS = 15 V
f = 1 kHz
VGS(off) = −2 V
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?70254.


Similar Part No. - 2N5564-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
   Matched N-Channel JFET Pairs
Rev. D, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
   MATCHED N-CHANNEL JFET PAIRS
logo
Micross Components
2N5564 MICROSS-2N5564 Datasheet
306Kb / 1P
   Linear Systems replaces discontinued Siliconix & National
More results

Similar Description - 2N5564-E3

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5564 NJSEMI-2N5564 Datasheet
268Kb / 2P
   MATCHED N-CHANNEL JFET PAIRS
logo
Vishay Siliconix
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
   Matched N-Channel JFET Pairs
Rev. D, 04-Jun-01
2N5564 VISHAY-2N5564 Datasheet
48Kb / 5P
   Matched N-Channel JFET Pairs
Rev. D, 04-Jun-01
U430 VISHAY-U430_V01 Datasheet
65Kb / 7P
   Matched N-Channel Pairs
18-Jul-08
U430 VISHAY-U430 Datasheet
53Kb / 6P
   Matched N-Channel Pairs
Rev. E, 04-Jun-01
logo
Micross Components
SST441_SOIC MICROSS-SST441_SOIC Datasheet
276Kb / 1P
   a tightly matched Monolithic Dual N-Channel JFET
U440_TO-71 MICROSS-U440_TO-71 Datasheet
283Kb / 1P
   a tightly matched Monolithic Dual N-Channel JFET
SST440_SOIC MICROSS-SST440_SOIC Datasheet
276Kb / 1P
   a tightly matched Monolithic Dual N-Channel JFET
U441_TO-71 MICROSS-U441_TO-71 Datasheet
283Kb / 1P
   a tightly matched Monolithic Dual N-Channel JFET
logo
Vishay Siliconix
TCZT8020 VISHAY-TCZT8020_11 Datasheet
246Kb / 11P
   Matched Pairs of Emitters and Detectors
Rev. 1.7, 15-Mar-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com