Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLF201208T4R7M Datasheet(PDF) 11 Page - TDK Electronics

Part # GLF201208T4R7M
Description  GLF,GLC Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GLF201208T4R7M Datasheet(HTML) 11 Page - TDK Electronics

Back Button GLF201208T4R7M Datasheet HTML 7Page - TDK Electronics GLF201208T4R7M Datasheet HTML 8Page - TDK Electronics GLF201208T4R7M Datasheet HTML 9Page - TDK Electronics GLF201208T4R7M Datasheet HTML 10Page - TDK Electronics GLF201208T4R7M Datasheet HTML 11Page - TDK Electronics GLF201208T4R7M Datasheet HTML 12Page - TDK Electronics GLF201208T4R7M Datasheet HTML 13Page - TDK Electronics GLF201208T4R7M Datasheet HTML 14Page - TDK Electronics GLF201208T4R7M Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TDK Electronics Europe GmbH - September 2004
Copyright 2004 by TDK Electronics Europe GmbH. All rights reserved.
Inductance vs. Frequency
0.1
1.0
10.0
100.0
1000.0
0.01
0.10
1.00
10.00
100.00
Frequency[MHz]
GLF2012T1R0M
GLF2012T2R2M
GLF2012T4R7M
GLF2012T100K
GLF2012T220K
GLF2012T470K
GLF2012T101K
Inductance vs. DC Superposition
0.1
1.0
10.0
100.0
1000.0
1.00
10.00
100.00
1000.00
DC Current
GLF2012T1R0M
GLF2012T2R2M
GLF2012T4R7M
GLF2012T100K
GLF2012T220K
GLF2012T470K
GLF2012T101K
Impedance vs. Frequency
0.1
1.0
10.0
100.0
1000.0
10000.0
100000.0
0.01
0.10
1.00
10.00
100.00
Frequency[MHz]
GLF2012T1R0M
GLF2012T2R2M
GLF2012T4R7M
GLF2012T100K
GLF2012T220K
GLF2012T470K
GLF2012T101K
Typical Electrical Characteristics [GLF2012Type]
[GLF2012Type]


Similar Part No. - GLF201208T4R7M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLF201208T4R7M TDK-GLF201208T4R7M Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results

Similar Description - GLF201208T4R7M

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
GLC-LH-SM-C ATGBICS-GLC-LH-SM-C Datasheet
312Kb / 9P
   GLC-LH-SM Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-FE-100FX-C ATGBICS-GLC-FE-100FX-C Datasheet
319Kb / 10P
   GLC-FE-100FX Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
GLC-LH-SMD-C ATGBICS-GLC-LH-SMD-C Datasheet
312Kb / 9P
   GLC-LH-SMD Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km, DOM)
GLC-GE-DR-LX-C ATGBICS-GLC-GE-DR-LX-C Datasheet
322Kb / 9P
   GLC-GE-DR-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
GLC-SX-MM-C ATGBICS-GLC-SX-MM-C Datasheet
282Kb / 8P
   GLC-SX-MM Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
GLC-FE-100LX-C ATGBICS-GLC-FE-100LX-C Datasheet
295Kb / 8P
   GLC-FE-100LX Cisco Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
GLC-SX-MMD-C ATGBICS-GLC-SX-MMD-C Datasheet
283Kb / 8P
   GLC-SX-MMD Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m, DOM)
GLC-FE-100FX-RGD-C ATGBICS-GLC-FE-100FX-RGD-C Datasheet
340Kb / 10P
   GLC-FE-100FX-RGD Cisco Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM, Ind Temp)
GLC-T-C ATGBICS-GLC-T-C Datasheet
185Kb / 7P
   GLC-T Cisco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com