Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4504-F100X512 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XMC4504-F100X512
Description  Microcontroller Series for Industrial Applications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4504-F100X512 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XMC4504-F100X512 Datasheet HTML 7Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 8Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 9Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 10Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 11Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 12Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 13Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 14Page - Infineon Technologies AG XMC4504-F100X512 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
XMC4500
XMC4000 Family
Summary of Features
Data Sheet
11
V1.0, 2013-01
1.2
Device Types
These device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
1.3
Device Type Features
The following table lists the available features per device type.
Table 1
Synopsis of XMC4500 Device Types
Derivative
1)
1) x is a placeholder for the supported temperature range.
Package
Flash
Kbytes
SRAM
Kbytes
XMC4500-E144F1024
PG-LFBGA-144
1024
160
XMC4500-F144x1024
PG-LQFP-144
1024
160
XMC4500-F100x1024
PG-LQFP-100
1024
160
XMC4500-F144x768
PG-LQFP-144
768
160
XMC4500-F100x768
PG-LQFP-100
768
160
XMC4502-F100x768
PG-LQFP-100
768
160
XMC4504-F144x512
PG-LQFP-144
512
128
XMC4504-F100x512
PG-LQFP-100
512
128
Table 2
Features of XMC4500 Device Types
Derivative
1)
1) x is a placeholder for the supported temperature range.
LEDTS
Intf.
SDMMC
Intf.
EBU
Intf.
2)
2) Memory types supported S=SDRAM, D=DEMUX, M=MUX 16-bit and 32-bit, M16=MUX 16-bit
ETH
Intf.
3)
3) Supported interfaces, M=MII, R=RMII.
USB
Intf.
USIC
Chan.
MultiCAN
Nod./Msg.
XMC4500-E144F1024
1
1
SDM
MR
1
3 x 2
3 / 64
XMC4500-F144x1024
1
1
SDM
MR
1
3 x 2
3 / 64
XMC4500-F100x1024
1
1
M16
R
1
3 x 2
3 / 64
XMC4500-F144x768
1
1
SDM
MR
1
3 x 2
3 / 64
XMC4500-F100x768
1
1
M16
R
1
3 x 2
3 / 64
XMC4502-F100x768
1
1
M16
-
1
3 x 2
3 / 64
XMC4504-F144x512
1
1
SDM
-
-
3 x 2
-
XMC4504-F100x512
1
1
M16
-
-
3 x 2
-
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4504-F100X512

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4504-F100x512 INFINEON-XMC4504-F100x512 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
More results

Similar Description - XMC4504-F100X512

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com