Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCZT8020-PAER Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCZT8020-PAER
Description  Subminiature Transmissive Optical Sensor with Transistor Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCZT8020-PAER Datasheet(HTML) 3 Page - Vishay Siliconix

  TCZT8020-PAER Datasheet HTML 1Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 2Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 3Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 4Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 5Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 6Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 7Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 8Page - Vishay Siliconix TCZT8020-PAER Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TCPT1350X01
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 14-Mar-13
3
Document Number: 84815
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Test Circuit for tr and tf
Fig. 4 - Switching Times
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Forward Voltage vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
COUPLER
Collector current
VCE = 5 V, IF = 15 mA
IC
0.7
1.6
mA
Collector emitter saturation
voltage
IF = 15 mA, IC = 0.2 mA
VCEsat
0.4
V
INPUT (EMITTER)
Forward voltage
IF = 15 mA
VF
11.2
1.4
V
Reverse current
VR = 5 V
IR
10
μA
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
25
pF
OUTPUT (DETECTOR)
Collector emitter voltage IC
IC = 1 mA
VCEO
20
V
Emitter collector voltage
IE = 100 μA
VECO
7V
Collector dark current
VCE = 25 V, IF = 0 A, E = 0 lx
ICEO
1
100
nA
SWITCHING CHARACTERISTICS
Rise time
IC = 0.7 mA, VCE = 5 V,
RL = 100  (see figure 3)
tr
9
150
μs
Fall time
IC = 0.7 mA, VCE = 5 V,
RL = 100  (see figure 3)
tf
16
150
μs
Channel I
Channel II
20688
+ 5 V
IC
adjusted by IF
IF
0
IF
R G = 50 Ω
tp
tp = 1 ms
T
= 20
Oscilloscope
50
Ω
100
Ω
R L ≥ 1 MΩ
C L ≤ 20 pF
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698
1
10
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
V
F - Forward Voltage (V)
20589
22680
1.0
1.1
1.2
1.3
1.4
- 50 - 25
0
25
50
75
100
150
T
amb - Ambient Temperature (°C)
125


Similar Part No. - TCZT8020-PAER

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCZT8020-PAER VISHAY-TCZT8020-PAER Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
More results

Similar Description - TCZT8020-PAER

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1300X01 VISHAY-TCPT1300X01_11 Datasheet
323Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.7, 17-May-11
TCPT1350X01 VISHAY-TCPT1350X01_V01 Datasheet
319Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A2, 01-Jun-99
TCPT1200 VISHAY-TCPT1200 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 01-Jun-99
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
   Subminiature Dual Channel Transmissive Optical Sensor with
Rev. 2.3, 20-Jul-07
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
   Subminiature Dual Channel Transmissive Optical Sensor with
Rev. 2.2, 10-May-07
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com