Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3560M20 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FM3560M20
Description  4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3560M20 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM3560M20 Datasheet HTML 1Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 2Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 3Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 4Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 5Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 6Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 7Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 8Page - Fairchild Semiconductor FM3560M20 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
www.fairchildsemi.com
FM3540/60 Rev. C
Functional Description
The FM3540/60 has two primary functional modes of operation
and an additional mode for programming the device.
Operational Modes
During standard operation the device will either pass an address
to the Y-Port from the I-Port or from an internally programmed
value. At power up the device will default to passing the I-Port
value to the Y-Port.
The I-port values are generated from the motherboard of the
system and may be hardwired or driven by another device. Pull-
up resistors are provided on the device to accommodate this
device being driven by open drain output drivers. The device
expects standard CMOS input signals. The level of the output
signal is determined by the Level input. If this input is connected
to Vss/Ground, the output is at 2.5V on the multiplexed outputs
(Y0-Y4). The non-multiplexed output is always at CMOS levels.
The Level input, if left unconnected (it has an internal pullup), will
cause the Y0-Y4 outputs to operate as open-drain outputs. The
override# input, when set to 0, will cause all the outputs to be set
to 0. The WP signal, if set to logic 1, will prevent data from being
written to the non-volatile register.
The mux_sel input, when set to logic 0, will select the data from the
non-volatile register to drive on the Y0-4 outputs. If set to logic 1,
the data from the inputs are selected instead. The non_mux_out
latch is transparent when the mux_sel signal is at logic 0, and will
latch data when the mux_select is in a logic 1 state.
Output Port: Y0-Y4
The output port is an open drain output to allow for easy connec-
tion to devices running at different voltage levels. The port is
always active and either passes the value on the I-Port or the value
in the Serial output port Register (SOPR). Changing the Mux Path
is accomplished by writing to b7, b6 of the Serial Input Port
Register. SOPR-b7, b6 defaults to a value of "10" at power up and
the default path is from the I-Port through to the output port. The
multiplexer only updates when an IIC stop condition is observed.
Register Description
The FM3540/60 has 3 registers in total. These registers are made
up of a combination of read only, write only and read write bits. The
two registers are listed below.
Serial Output Port Register A(SOPRA) Address: 00H - A read/
write register that contains the new value to be written to output
Port-Y and the multiplexer select bit.
Serial Output Port Register B(SOPRB) Address: 01H - A read/
write register that contains the new value to be written to output
Port-Y and the multiplexer select bit.
Parallel Input Port Register (PIPR) Address: 02H - A read only
register that is loaded with the 5 bit value of the I-Port.
Serial Output Port Register (SOPR)
(Address 000b and 001b)
MXSB MXSA
Data Field
0
0
I5
NMO
I3
I2
I1
I0
b7
b6
b5
b4
b3
b2
B1
b0
b7-b6 - Multiplexer Select Bits (MXSB,MXSA)
00 - Multiplexer passes the SOPR(A).
01 - Multiplexer passer the SOPR(B).
10 - Multiplexer defaults to passing the I-Port Value.
b5, b3-b0 - Data Field. New value to be output through the
multiplexer.
nmo - Non multiplexed output from internal non-volatile bit
Parallel Input Port Register (PIPR)
(Address 002b)
Address Field
Data Field
0
0
0
I4
I3I2I1
I0
b7
b6
b5
b4
b3
b2
B1
b0
b7-b5 - Address field. Value is always 000
b4-b0 - Data Field. Value is equal to the value on the I-Port.
The external Port Register captures the value on the I-Port. Data
is latched into this register on the first clock after a start condition
is seen. This insures that a valid value will always be in this register
if it is read. This register is a read only register with respect to the
IIC port.
Over-
mux_
Non_
ride#
sel
MXSB MXSA
mux_outputs
mux_output
0
0
X
X
all 0's
all 0's
0
1
X
X
Mux_inputs
latched NMO
(see note 1)
1
0
1
0
Mux_inputs
latched NMO
(see note 1)
1
0
0
0
From Non-
From non-
volatile reg-
volatile reg-
ister (SOPRA) ister (SOPRA)
1
0
1
1
Do not use this combination
1
0
0
1
From Non-
From non-
volatile reg-
volatile reg-
ister (SOPRB) ister (SOPRB)
1
1
Note 2 Note 1
Mux_inputs
From Non-
volatile reg-
ister (SOPRA
or SOPRB)
Note 1: Latched NMO state will be the value present on the NMO output at the time
of the mux_sel input transitioning from logic 0 to logic 1 state.
Note 2: Output depends on previously selected state of MXSB and MXSA bits
written to device.


Similar Part No. - FM3560M20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM3565 FAIRCHILD-FM3565 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565M20 FAIRCHILD-FM3565M20 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565M20X FAIRCHILD-FM3565M20X Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565MT FAIRCHILD-FM3565MT Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
FM3565MT20 FAIRCHILD-FM3565MT20 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
More results

Similar Description - FM3560M20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com