Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3540SMT14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FM3540SMT14
Description  4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3540SMT14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FM3540SMT14 Datasheet HTML 1Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 2Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 3Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 4Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 5Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 6Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 7Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 8Page - Fairchild Semiconductor FM3540SMT14 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
www.fairchildsemi.com
FM3540/60 Rev. C
FM3540/60
4/5 Bit Multiplexed, 1 Bit Latched Port with Standard
2-Wire Bus Interface and Non-Volatile Latches
General Description
The FM3540/60 multiplexes the I-port input signals with two
internal non-volatile registers that can be loaded through the serial
port. The multiplexer is selected via the serial port and defaults to
the I-Port upon power-up. Pull-up resistors are provided on the
input port to accommodate connections to open drain outputs and
to eliminate the need for external resistors. The device supports
a choice of either 2.5V output or Open Drain Outputs for easy
interface to devices with different VDD Levels.
The serial port is an IIC compatible slave only interface and
supports both 100kbits and 400kbits modes of operation. The port
is used to read the I-Port, Write Data to the internal non-volatile
Block Diagram
October 2001
registers and select whether the I-Port or one of the internal non-
volatile registers is output to the Y-port. The FM3540/60 is
fabricated with an advanced CMOS technology to achieve high
density and low power.
Features
I Extended Operating Voltage Range 3.0V-5.5V
I IIC Compatible Slave Interface.
I ESD performance: Human body model > 2000V
I Choice of 2.5V outputs or Open-Drain Outputs
© 2001 Fairchild Semiconductor Corporation
SOPRA
SOPRB
IIC
Interface
Start/Stop
Logic
Shift
Register
Slave Address
Register
Comparator
Control Logic
Mux3
Mux2
Non_Mux_Out
Y[4:0]
I[4:0]
IIC Read Logic
SDA
SCL
ASEL
OVRD
MUXSEL
MXSB, MXSA
Mux1


Similar Part No. - FM3540SMT14

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM3540SMT14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com