Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMH11 Datasheet(PDF) 4 Page - Rohm

Part # EMH11
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMH11 Datasheet(HTML) 4 Page - Rohm

  EMH11 Datasheet HTML 1Page - Rohm EMH11 Datasheet HTML 2Page - Rohm EMH11 Datasheet HTML 3Page - Rohm EMH11 Datasheet HTML 4Page - Rohm EMH11 Datasheet HTML 5Page - Rohm EMH11 Datasheet HTML 6Page - Rohm EMH11 Datasheet HTML 7Page - Rohm EMH11 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMH11 / UMH11N / IMH11A
lElectrical characteristic curves
(Ta = 25°C)
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
4/7
2012.06 - Rev.B


Similar Part No. - EMH11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH11 ROHM-EMH11 Datasheet
44Kb / 3P
   General purpose (dual digital transistors)
EMH11 ROHM-EMH11 Datasheet
81Kb / 4P
   General purpose (dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
logo
Rohm
EMH11 ROHM-EMH11 Datasheet
1Mb / 9P
   General purpose (dual digital transistors)
EMH11FHA ROHM-EMH11FHA Datasheet
1Mb / 8P
   General purpose (Dual digital transistors)
More results

Similar Description - EMH11

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com