Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FM34W02U Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FM34W02U
Description  2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 1 page
background image
1
www.fairchildsemi.com
FM34W02U Rev. A.1
© 2001 Fairchild Semiconductor Corporation
FM34W02U
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
with Full Array Write Protect
Designed with Permanent Write-Protection for First 128 Bytes for Serial Presence
Detect Application on Memory Modules (PC100/PC133 Compliant)
General Description
The FM34W02U is 2048 bits of CMOS non-volatile electrically
erasable memory. This device is specifically designed to support
Serial Presence Detect circuitry in memory modules. This com-
munications protocol uses CLOCK (SCL) and DATA I/O (SDA)
lines to synchronously clock data between the master (for ex-
ample a microprocessor) and the slave EEPROM device(s).
The contents of the non-volatile memory allows the CPU to
determine the capacity of the module and the electrical character-
istics of the memory devices it contains. This will enable "plug and
play" capability as the module is read and PC main memory
resources utilized through the memory controller.
The first 128 bytes of the memory of the FM34W02U can be
permanently Write Protected by writing to the "WRITE PROTECT"
Register. Write Protect implementation details are described
under the section titled Addressing the WP Register.
The FM34W02U is available in a JEDEC standard TSSOP pack-
age for low profile memory modules for systems requiring efficient
space utilization such as in a notebook computer. Two options are
available: L - Low Voltage and LZ - Low Power, allowing the part
to be used in systems where battery life is of primary importance.
Block Diagram
Features
I PC100/PC133 Compliant
I Extended Operating Voltage: 2.7V-5.5V
I Software Write-Protection for first 128 bytes
I Hardware Write-Protection for entire memory array
I 200 µA active current typical
– 1.0
µA standby current typical (L)
– 0.1
µA standby current typical (LZ)
I IIC compatible interface
– Provides bidirectional data transfer protocol
I Sixteen byte page write mode
– Minimizes total write time per byte
I Self timed write cycle
- Typical write cycle time of 6ms
I Endurance: 1,000,000 data changes
I Data retention greater than 40 years
I Packages available: 8-pin TSSOP and 8-pin SO
I Temperature Ranges: Commercial and Extended
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
16 x 16 x 8
16
YDEC
8
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
START CYCLE
16
4
4
CK
DIN
R/W
LOAD
INC
SDA
VSS
VCC
WP
DOUT
A2
A1
A0
Device Address Bits
0/1/2/3
SCL
Write Protect
Register
May 2001




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NM34W022K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM24C256256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C6564K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM24C02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM 1 2 3 4 5 MoreFairchild Semiconductor
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
FM93CS06 MICROWIRE™ Bus Interface 256-Bit Serial EEPROM with Data Protect and Sequential Read 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl