Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44777 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44777
Description  SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44777 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44777 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44777 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44777 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz PE44777
URL: http://www.pasternack.com/smp-male-standard-end-launch-pcb-connector-pe44777-p.aspx
SMP Male Connector Solder Attachment
End Launch PCB, Up To 8 GHz
PE44777
PE44777 REV


Similar Part No. - PE44777

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
   HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4477 PASTERNACK-PE4477 Datasheet
319Kb / 3P
   HN Male Connector Crimp/Solder Attachment
PE44770 PASTERNACK-PE44770 Datasheet
271Kb / 3P
   SMP Female Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44771 PASTERNACK-PE44771 Datasheet
269Kb / 3P
   SMP Female Connector Solder Attachment For PE-047SR,PE-SR047AL, PE-SR047FL, Up To 8 GHz
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
   SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE44777

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
   SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
   SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
   Mini SMP Male Connector Solder Attachment End Launch PCB
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
   SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
   SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
   SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
   SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com