Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3BR0365 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3BR0365
Description  Design Guide for Off-line Fixed Frequency DCM Flyback Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3BR0365 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3BR0365 Datasheet HTML 5Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 6Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 7Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 8Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 9Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 10Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 11Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 12Page - Infineon Technologies AG ICE3BR0365 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DCM Flyback
9
Design Note DN 2013-01
V1.0 January 2013
Table 6: Recommended Wire Gauge by RMS current
It is important that operating Bmax should not exceed the saturating flux density (Bsat) given on the core's
data sheet. Bsat of ferrite core varies depending on the core material and temperature but most of them has a Bsat
rating closed to 400mT. If there is no further reference data used Bmax= 300mT. Higher Bmax allows for lower
number of primary turns for lower conduction loss but with higher core loss. For optimized design the sum of both
the core loss and the copper loss should be mutually minimized. This usually happened near the point where core
loss is equal to the copper loss.
STEP 6:
Determine the number of turns for the secondary main output (Ns) and other auxiliary turns (Naux):
To get the secondary turns first determine the turns ratio, n
Where: Np and Ns are the primary and secondary turns respectively, Vout is the output voltage and VD is the
secondary diode voltage drop, typically 0.5V for schottky diode at low to moderate current.
For additional number turns such as auxiliary winding for VCC supply the number of turns can be calculated as
follows; Where Vaux is the flyback auxiliary winding , VDaux is the diode voltage drop on this winding.
(Equation 11)
Most Flyback controllers need an auxiliary winding to supply the IC
; this is true of all CoolSET™ types, too.
Use the start up VCC supply, as indicated on the data sheet, to decide the auxiliary number of turns. For non
integer number of turn round off to the next highest integer
STEP 7: Determining the wire size for each output windings: In order to determine the required wire size the RMS
current for each winding should be determined.
Primary winding RMS current:
Secondary Winding RMS current:
: A current density between 150 - 400 circular mil per
Ampere can be used as a starting point to calculate the required
wire gauge. Below is the quick selection for choosing the
appropriate wire gauge using 200CM/A, given the winding's
RMS current. The wire diameter with basic insulation for
different magnet wire gauges are also shown.
STEP 8:
Transformer Construction and Winding Design
Iteration:
Once transformer parameters have been decided, determine
whether the number of turns and the wire size chosen would fit in the given
transformer core size. This step may require several iteration of between the
chosen core, winding gauge and number of turns.
Figure 4 shows the winding area for an EE ferrite core, using the wire diameter
and the number of turns for each winding, we can approximate if the desired
winding will fit given its winding area (w and h). If winding will not fit, either the
number of turns, wire gauge or core size (controlling window area) will need to be
adjusted.
The winding scheme has a considerable influence on the performance and
reliability of the transformer. To reduce leakage inductance, the use of a sandwich
construction, as shown in Figure 5, is recommended. It also needs to meet international safety requirements. A
transformer must have adequate insulation between primary and secondary windings. This can be achieved by
using a margin-wound construction (Figure 5A) or by using triple insulated wire for the secondary winding (Figure
(Equation 9)
(Equation 10)
(Equation 11)
(Equation 12)
(Equation 13)
Figure 4: Ferrite core winding
area


Similar Part No. - ICE3BR0365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0680JZ INFINEON-ICE3BR0680JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results

Similar Description - ICE3BR0365

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
logo
Monolithic Power System...
EVHFC0310-S-00A MPS-EVHFC0310-S-00A Datasheet
464Kb / 10P
   Fixed-Frequency Flyback Converter EV Board
HFC0310 MPS-HFC0310 Datasheet
440Kb / 17P
   Fixed-Frequency Flyback Controller
logo
Renesas Technology Corp
RAA223181 RENESAS-RAA223181 Datasheet
2Mb / 22P
   900V Off-Line Flyback Regulator
Oct 13, 2021
logo
Fairchild Semiconductor
AN4134 FAIRCHILD-AN4134 Datasheet
305Kb / 14P
   Design Guidelines for Off-line Forward Converters
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com