Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9121-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9121-A
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9121-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS9121-A Datasheet HTML 1Page - California Eastern Labs PS9121-A Datasheet HTML 2Page - California Eastern Labs PS9121-A Datasheet HTML 3Page - California Eastern Labs PS9121-A Datasheet HTML 4Page - California Eastern Labs PS9121-A Datasheet HTML 5Page - California Eastern Labs PS9121-A Datasheet HTML 6Page - California Eastern Labs PS9121-A Datasheet HTML 7Page - California Eastern Labs PS9121-A Datasheet HTML 8Page - California Eastern Labs PS9121-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PHOTOCOUPLER
PS9121
HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE
5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
−NEPOC Series−
Document No. PN10502EJ05V0DS (5th edition)
Date Published August 2008 NS
DESCRIPTION
The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
and a photodiode and a signal processing circuit on the output side on one chip.
The PS9121 is designed specifically for high common mode transient immunity (CMR) and low pulse width
distortion. The PS9121 is suitable for high density application.
FEATURES
• Low power consumption (VCC = 3.3 V)
• Pulse width distortion (
⏐tPHL − tPLH⏐ = 35 ns MAX.)
53
12
4
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
• High common mode transient immunity (CMH, CML =
±15 kV/
μs MIN.)
• Small package (SO-5)
• High-speed (15 Mbps)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Open collector output
• Ordering number of taping product: PS9121-F3, F4: 2 500 pcs/reel
• Pb-Free product
• Safety standards
TRUTH TABLE
LED
Output
ON
L
OFF
H
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved No.40008902 (option)
• CSA approved: File No. 2115283 (CA 101391)
APPLICATIONS
• Measurement equipment
• PDP
• FA Network
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2004, 2008


Similar Part No. - PS9121-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9121-A CEL-PS9121-A Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9121-AX CEL-PS9121-AX Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
More results

Similar Description - PS9121-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9121 RENESAS-PS9121_15 Datasheet
301Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
PS9121 RENESAS-PS9121 Datasheet
293Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) 3.3 V PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9124_15 RENESAS-PS9124_15_15 Datasheet
450Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9117A CEL-PS9117A Datasheet
404Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
NEC
PS9117A NEC-PS9117A Datasheet
162Kb / 14P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9122 RENESAS-PS9122 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9123 CEL-PS9123 Datasheet
529Kb / 14P
   HIGH CMR, 15 Mbps TOTEM POLE OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com