Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA10P50P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTA10P50P
Description  PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA10P50P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTA10P50P Datasheet HTML 1Page - IXYS Corporation IXTA10P50P Datasheet HTML 2Page - IXYS Corporation IXTA10P50P Datasheet HTML 3Page - IXYS Corporation IXTA10P50P Datasheet HTML 4Page - IXYS Corporation IXTA10P50P Datasheet HTML 5Page - IXYS Corporation IXTA10P50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
TO-247 (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
e
∅ P
1
2
3
TO-3P (IXTQ) Outline
Pins: 1 - Gate
2 - Drain
TO-220 (IXTP) Outline
TO-263 (IXTA) Outline
IXTA10P50P IXTQ10P50P
IXTP10P50P IXTH10P50P


Similar Part No. - IXTA10P50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA10P15T IXYS-IXTA10P15T Datasheet
187Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTA10P50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK90P20P IXYS-IXTK90P20P Datasheet
130Kb / 5P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFG60P03 FAIRCHILD-RFG60P03 Datasheet
104Kb / 6P
   60A, 30V, Avalanche Rated, P-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
   P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
   P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
   P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com