Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTH130N10T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH130N10T
Description  TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH130N10T Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH130N10T Datasheet HTML 1Page - IXYS Corporation IXTH130N10T Datasheet HTML 2Page - IXYS Corporation IXTH130N10T Datasheet HTML 3Page - IXYS Corporation IXTH130N10T Datasheet HTML 4Page - IXYS Corporation IXTH130N10T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH130N10T
IXTQ130N10T
Notes: 1. Pulse test, t ≤ 300μs; duty cycle, d ≤ 2%.
2. On through-hole packages, R
DS(on) Kelvin test contact
location must be 5mm or less from the package body.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 10V, ID = 60A, Note 1
55
93
S
C
iss
5080
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
635
pF
C
rss
95
pF
t
d(on)
30
ns
t
r
47
ns
t
d(off)
44
ns
t
f
28
ns
Q
g(on)
104
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS, ID = 25A
30
nC
Q
gd
29
nC
R
thJC
0.42
°C/W
R
thCH
0.25
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
130
A
I
SM
Repetitive, pulse width limited by T
JM
350
A
V
SD
I
F = 25A, VGS = 0V, Note 1
1.0
V
t
rr
67
ns
I
RM
4.7
A
Q
rr
160
nC
I
F = 25A, VGS = 0V
-di/dt = 100A/
μs
V
R = 50V
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • V
DSS, ID = 25A
R
G = 5Ω (External)
TO-3P (IXTQ) Outline
Pins: 1 - Gate
2 - Drain
3 - Source 4, TAB - Drain
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅ P 3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
e
∅P
TO-247 (IXTH) Outline
1
2
3
Terminals: 1 - Gate
2 - Drain


Similar Part No. - IXTH130N10T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH130N10T ISC-IXTH130N10T Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH130N10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH200N10T IXYS-IXTH200N10T Datasheet
175Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA130N10T IXYS-IXTA130N10T Datasheet
154Kb / 5P
   TrenchMVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA32N20T IXYS-IXTA32N20T Datasheet
211Kb / 6P
   TrenchTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA4N80P IXYS-IXTA4N80P Datasheet
178Kb / 4P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA8N50P IXYS-IXTA8N50P Datasheet
228Kb / 5P
   PolarHV Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA16N50P IXYS-IXTA16N50P Datasheet
148Kb / 4P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ18N60P IXYS-IXTQ18N60P Datasheet
176Kb / 5P
   PolarHVTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTQ74N20P IXYS-IXTQ74N20P Datasheet
175Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA42N25P IXYS-IXTA42N25P Datasheet
257Kb / 5P
   PolarHTTM Power MOSFET N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com