Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24C256YYX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FM24C256YYX
Description  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256YYX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FM24C256YYX Datasheet HTML 1Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 2Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 3Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 4Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 5Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 6Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 7Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 8Page - Fairchild Semiconductor FM24C256YYX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
FM24C256 rev. B.3
AC Conditions of Test
Input Pulse Levels
V
CC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10 ns
Input & Output Timing Levels
VCC x 0.5
Output Load
1 TTL Gate and C
L = 100 pF
Read and Write Cycle Limits (Standard and Low V
CC Range - 2.7V-5.5V)
Symbol
Parameter
100 kHz
400 kHz
Units
Min
Max
Min
Max
fSCL
SCL Clock Frequency
100
400
kHz
T
I
Noise Suppression Time Constant at
SCL, SDA Inputs (Minimum VIN
100
50
ns
Pulse width)
tAA
SCL Low to SDA Data Out Valid
0.3
3.5
0.3
1.2
µs
t
BUF
Time the Bus Must Be Free before
4.7
1.3
µs
a New Transmission Can Start
t
HD:STA
Start Condition Hold Time
4.0
0.6
µs
t
LOW
Clock Low Period
4.7
1.5
µs
tHIGH
Clock High Period
4.0
0.6
µs
t
SU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
t
HD:DAT
Data in Hold Time
0
0
µs
t
SU:DAT
Data in Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1
0.3
µs
t
F
SDA and SCL Fall Time
300
300
ns
t
SU:STO
Stop Condition Setup Time
4.7
0.6
µs
tDH
Data Out Hold Time
100
100
ns
t
WR
Write Cycle Time
6
6
ms
(Note 2)
Note 2: The write cycle time (t
WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle. During the write cycle, the
FM24C256 bus interface circuits are disabled, SDA is allowed to remain high per the bus-level pull-up resistor, and the device does not respond to its slave address


Similar Part No. - FM24C256YYX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

Similar Description - FM24C256YYX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com