Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FM24C256 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. FM24C256
Description  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 1 page
background image
1
www.fairchildsemi.com
FM24C256 rev. B.3
June 2000
© 2000 Fairchild Semiconductor International
FM24C256
256 KBit 2-Wire Bus Interface
Serial EEPROM with Write Protect
General Description
The FM24C256/C256L/C256LZ devices are 256 Kbits CMOS
nonvolatile electrically erasable memory. These devices offer the
designer different low voltage and low power options. They
conform to all requirements in the Extended IIC 2-wire protocol.
Furthermore, they are designed to minimize device pin count and
simplify PC board layout requirements.
The entire memory array can be write disabled (Write Protection)
by connecting the WP pin to V
CC.
Functional address lines allow up to eight devices on the same
bus, for up to a total of 2 Mbit address space.
The IIC communication protocol uses CLOCK (SCL) and DATA
I/O (SDA) lines to synchronously clock data between the master
(for example a microprocessor) and the slave EEPROM device(s).
Fairchild EEPROMs are designed and tested for applications
requiring high endurance, high reliability, and low power con-
sumption.
Block Diagram
Features
I Extended Operating Voltages
— C256: 4.5V - 5.5V
— C256L: 2.7V - 5.5V
— C256LZ: 2.7V - 5.5V
I Low Power CMOS
— 1mA active current typical
— C256/C256L: 10
µA standby current typical
— C256LZ: less than 1
µA standby current
I 2-wire IIC serial interface
I 64 byte page write mode
I Max write cycle time of 6ms byte/page
I 40 years data retention
I Endurance: 100,000 data changes
I Hardware write protect for entire array
I Schmitt trigger inputs for noise suppression
I Electrostatic discharge protection > 4000V
I 8-pin DIP and 8-pin SO (150 mil) packages. Contact factory
for CSP package availability
DS800023-1
H.V. GENERATION
TIMING &CONTROL
E2PROM
ARRAY
YDEC
DATA REGISTER
XDEC
CONTROL
LOGIC
WORD
ADDRESS
COUNTER
SLAVE ADDRESS
REGISTER &
COMPARATOR
START
STOP
LOGIC
WRITE
LOCKOUT
START CYCLE
CK
DIN
R/W
LOAD
INC
SDA
SCL
WP
VCC
DOUT
A2
A1
A0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM34W02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM34W022K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C6564K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
M95256256 Kbit Serial SPI bus EEPROM with high speed clock 1 2 3 4 5 MoreSTMicroelectronics
ST24C044 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl