Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM24C256 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FM24C256
Description  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C256 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FM24C256 Datasheet HTML 1Page - Fairchild Semiconductor FM24C256 Datasheet HTML 2Page - Fairchild Semiconductor FM24C256 Datasheet HTML 3Page - Fairchild Semiconductor FM24C256 Datasheet HTML 4Page - Fairchild Semiconductor FM24C256 Datasheet HTML 5Page - Fairchild Semiconductor FM24C256 Datasheet HTML 6Page - Fairchild Semiconductor FM24C256 Datasheet HTML 7Page - Fairchild Semiconductor FM24C256 Datasheet HTML 8Page - Fairchild Semiconductor FM24C256 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FM24C256 rev. B.3
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
6.5V to –0.3V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
4000V min.
Operating Conditions
Ambient Operating Temperature
FM24C256/L/LZ
0
°C to +70°C
FM24C256F/FL/FLZ
0
°C to +70°C
FM24C256E/LE/LZE
-40
°C to +85°C
FM24C256FE/FLE/FLZE
-40
°C to +85°C
Positive Power Supply
FM24C256/E
4.5V to 5.5V
FM24C256F/FE
4.5V to 5.5V
FM24C256L/LZ
2.7V to 5.5V
FM24C256FL/FLZ
2.7V to 5.5V
FM24C256LE/LZE
2.7V to 5.5V
FM24C256FLE/FLZE
2.7V to 4.5V
Standard V
CC (4.5V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICCA
Active Power Supply Current
fSCL = 100 kHz
0.5
1.0
mA
f
SCL = 400 kHz
ISB
Standby Current
VIN = GND or VCC
10
50
µA
I
LI
Input Leakage Current
V
IN = GND to VCC
0.1
1
µA
I
LO
Output Leakage Current
V
OUT = GND to VCC
0.1
1
µA
VIL
Input Low Voltage
–0.3
VCC x 0.3
V
V
IH
Input High Voltage
V
CC x 0.7
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
Low V
CC (2.7V to 5.5V) DC Electrical Characteristics
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
I
CCA
Active Power Supply Current
f
SCL = 100 kHz
0.5
1.0
mA
f
SCL = 400 kHz
I
SB
Standby Current for L
V
IN = GND or VCC = 4.5V - 5.5V
10
50
µA
(Note 1)
V
IN = GND or VCC = 2.7V - 4.5V
1
10
Standby Current for LZ
VIN = GND or VCC = 4.5V - 5.5V
10
50
V
IN = GND or VCC = 2.7V - 4.5V
0.1
1
ILI
Input Leakage Current
VIN = GND to VCC
0.1
1
µA
I
LO
Output Leakage Current
V
OUT = GND to VCC
0.1
1
µA
V
IL
Input Low Voltage
–0.3
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
C
IN
Input Capacitance (A0, A1, A2, SCL)
V
IN = 0V
6
pF
Note 1: Typical values are for TA = 25°C and nominal supply voltage (5V).


Similar Part No. - FM24C256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results

Similar Description - FM24C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com