Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FM24C256 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FM24C256
Description  256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 3 page
background image
3
www.fairchildsemi.com
FM24C256 rev. B.3
Ordering Information
FM
24
C
XX
F
LZ
E
YY
X
Letter
Description
Blank
Tube
X
Tape and Reel
Package
N
8-pin DIP
M8
8-pin SO8
Temp. Range
Blank
0 to 70
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
SCL Clock Frequency
Blank
100KHz
F
400KHz
Density
256
256K with write protect
C
CMOS
Interface
24
IIC - 2 Wire
FM
Fairchild Non-Volatile
Memory
Part Number
Clock Frequency
V
CC
Standby Current
FM24C256YYX
4.5V - 5.5V
10
µA typical
FM24C256LYYX
100KHz
2.7V - 5.5V
FM24C256LZYYX
1
µA max
FM24C256FYYX
4.5V - 5.5V
10
µA typical
FM24C256FLYYX
400KHz
2.7V - 5.5V
FM24C256FLZYYX
1
µA max
Part Number
Clock Frequency
V
CC
Standby Current
FM24C256EYYX
4.5V - 5.5V
10
µA typical
FM24C256LEYYX
100KHz
2.7V - 5.5V
FM24C256LZEYYX
1
µA max
FM24C256FEYYX
4.5V - 5.5V
10
µA typical
FM24C256FLEYYX
400KHz
2.7V - 5.5V
FM24C256FLZEYYX
1
µA max
Commercial Temperature Range: 0
° to +70°C
Industrial Temperature Range: -40
° to +85°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NM24C65U64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24WXX2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
FM34W02U2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM34W022K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C3232K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
NM24C32U32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface 1 2 3 4 5 MoreFairchild Semiconductor
NM24C6564K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect 1 2 3 4 5 MoreFairchild Semiconductor
AT34C022-Wire Serial EEPROM with Permanent Software Write Protect 1 2 3 4 5 MoreATMEL Corporation
M95256256 Kbit Serial SPI bus EEPROM with high speed clock 1 2 3 4 5 MoreSTMicroelectronics
ST24C044 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl