Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1608J111CS Datasheet(PDF) 6 Page - Samsung semiconductor

Part # RC1608J111CS
Description  THICK-FILM CHIP RESISTOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J111CS Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button RC1608J111CS Datasheet HTML 2Page - Samsung semiconductor RC1608J111CS Datasheet HTML 3Page - Samsung semiconductor RC1608J111CS Datasheet HTML 4Page - Samsung semiconductor RC1608J111CS Datasheet HTML 5Page - Samsung semiconductor RC1608J111CS Datasheet HTML 6Page - Samsung semiconductor RC1608J111CS Datasheet HTML 7Page - Samsung semiconductor RC1608J111CS Datasheet HTML 8Page - Samsung semiconductor RC1608J111CS Datasheet HTML 9Page - Samsung semiconductor RC1608J111CS Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Recommended Soldering
Conditions
Since Chip resistors come into direct contact with melted solder during soldering, it is exposed to potential mechanical stress caused
by the sudden temperature change. The chip resistors may also be subject to silver migration, and to contamination by the flux.
Because of these factors, soldering technique is critical.
•There are 3 soldering methods.
- Flow(wave) soldering.
- Reflow soldering. (Reflow soldering is broadly divided into the total heating method and local heating method.)
- Iron soldering.
•Features
PCB
solder
Primary wave
Secondary wave
There are two types of soldering methods in flow(wave) soldering.
One is single wave soldering, the other is a double waves soldering.
However, double waves soldering is mainly used. This method is
designed so that the continuous and multiple dipping processes
by waves of solder having completely different primary and
secondary characteristics and waveforms.
With the primary wave, a comparatively strong jet flow is used
to remove the flux gas and to solder.
With the secondary wave, it is used to remove excessive solder.
With the primary wave, the solder flows into a very small gap
between components and air bubbles remaining on the soldered
joint are removed.
With the secondary wave, the peel back is used to prevent bridging.
•Preheating
If a chip component is heated suddenly during soldering, it may be
cracked by the thermal shock caused by the temperature difference
between the surface and the inside of the chip. To prevent this,
a full preheating is necessary. In case of wave soldering, the
temperature difference between solder and surface of the
component is kept within 150℃. Also when cooling is done by
dipping into solvent, care should be taken to keep the temperature
difference within 150℃.
•Standard Soldering Condition
Soldering must be carried out without exceeding the approved
soldering temperature and time shown within the shaded area
of the right graph. An excessively long soldering time or high
soldering temperature results in leaching of the outer terminations.
When a PCB is warped, mechanical stress applied to the chip will
be increased and might be a cause of chip crack, especially if there
is big amount of solder on the chip. So, care should be taken not
to use excessive amount of solder on the PCB. For the flow(wave)
soldering, the solder amount can be controlled by land size.
Soldering Methods
Reflow Soldering
Total Heating
Local Heating
Laser
Wave Soldering
Single Wave
Double Waves
Infrared Ray
Iron Soldering
Convection/Infrared
Hot Air
Hot Plate
Optical Beam
Air Heater
< Flow Soldering>
Abstract
Flow(wave) Soldering
Pre-heating
120 sec. min.
Time(sec.)
Soldering
Temp.(
℃)
Pre-heating
Temp.(
℃)
Gradual Cooling
in the air
245
±10℃
5 sec. max.
(Ⅰ)1206(3216) and below
:150
℃ max.
△T
CHIP Resistor
2012.7.23 2:35 PM
˘
` 7


Similar Part No. - RC1608J111CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1608J100AS ETC1-RC1608J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100BS ETC1-RC1608J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100CS ETC1-RC1608J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100ES ETC1-RC1608J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
logo
MagnaChip Semiconductor...
RC1608J103CS MGCHIP-RC1608J103CS Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
More results

Similar Description - RC1608J111CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005F622CS SAMSUNG-RC1005F622CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com