Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1608J000CS Datasheet(PDF) 10 Page - Samsung semiconductor

Part # RC1608J000CS
Description  THICK-FILM CHIP RESISTOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1608J000CS Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button RC1608J000CS Datasheet HTML 6Page - Samsung semiconductor RC1608J000CS Datasheet HTML 7Page - Samsung semiconductor RC1608J000CS Datasheet HTML 8Page - Samsung semiconductor RC1608J000CS Datasheet HTML 9Page - Samsung semiconductor RC1608J000CS Datasheet HTML 10Page - Samsung semiconductor RC1608J000CS Datasheet HTML 11Page - Samsung semiconductor RC1608J000CS Datasheet HTML 12Page - Samsung semiconductor RC1608J000CS Datasheet HTML 13Page - Samsung semiconductor RC1608J000CS Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Precision
•The part number system shall be in the following format
1002
RC: Chip Resistor
Code Designation
R C
1005
D
Dimension & Size Code
Tolerance
1005: 1.0
×0.5(㎜) - 0402(inch)
1608: 1.6
×0.8(㎜) - 0603(inch)
2012: 2.0
×1.2(㎜) - 0805(inch)
3216: 3.2
×1.6(㎜) - 1206(inch)
3225: 3.2
×2.5(㎜) - 1210(inch)
5025: 5.0
×2.5(㎜) - 2010(inch)
6432: 6.4
×3.2(㎜) - 2512(inch)
D : ±0.5%
3 or 4 digits coding system
(IEC coding system)
3digits (E-24 series)
4digits (E-96 , E-192 series)
CS
Resistance Value
Packaging Code
GS: Bulk Packaging
CS: Tape Packaging 7"
ES: Tape Packaging 10"
AS: Tape Packaging 13"
•Low tolerance (±0.5%)
•Both flow and reflow soldering are applicable.
•Suitable size and packaging for surface mount assembly.
•Owing to the reduced lead inductance, the high frequency
characteristic is excellent.
The product of lead-free terminal is RoHS compliant.
PbO(lead oxide) is included in the glass of our product which is prescribed
on RoHS appendix as an exception.
•Circuit for high precision resistance and reliability.
•For signal control part
•For tunning circuit.
Feature
Application
Structure and Dimensions
Parts Numbering System
W
l1
H
L
I2
<Top View>
<Side View>
1
10
00
02
2
0.50±0.05
0.80±0.10
1.25±0.15
1.60±0.15
2.55±0.20
2.50±0.20
3.20±0.20
0.35±0.05
0.45±0.10
0.50±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.55±0.10
0.20±0.10
0.30±0.20
0.40±0.20
0.45±0.20
0.45±0.20
0.60±0.20
0.60±0.20
0.25±0.10
0.35±0.10
0.35±0.20
0.40±0.20
0.40±0.20
0.60±0.20
0.60±0.20
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
0402
0603
0805
1206
1210
2010
2512
Inch
1/16
1/10
1 / 8
1 / 4
1 / 3
2/3
1
Power(W)
1.00±0.05
1.60±0.10
2.00±0.20
3.20±0.20
3.20±0.20
5.00±0.20
6.30±0.20
LW
H
I1
I2
Average
Weight
0.6
2.1
4.9
9.5
16
26
41
(UNIT: mm)
CHIP Resistor
2012.7.23 2:36 PM
˘
` 11


Similar Part No. - RC1608J000CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1608J100AS ETC1-RC1608J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100BS ETC1-RC1608J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100CS ETC1-RC1608J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1608J100ES ETC1-RC1608J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
logo
MagnaChip Semiconductor...
RC1608J103CS MGCHIP-RC1608J103CS Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
More results

Similar Description - RC1608J000CS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005F622CS SAMSUNG-RC1005F622CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com